Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 56Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
60/65
2003-May-05
2
22
2.. L
LO
OW
W V
VO
OL
LT
TA
AG
GE
E D
DE
ET
TE
EC
CT
TO
OR
R
ST2202 has a built-in low voltage detector for power
management. The typical active level of voltage detection is
2.6V. When LVDEN (SYS[0]) is set, detector circuit is
enabled and the detection result will be outputted at the
same bit after 3
µs. Using read instruction twice can get
this result: first read will enable initial stableness control.
Second read equal '0' represents 'low voltage'. Once low
voltage detector is enabled, it keeps on consuming power.
So it is important that remember to write “0” to LVDET to
disable the detector after detection is completed. One
sample program is shown below:
Start:
SMB0
<SYS
; enable detector
:
Wait 3
µµµµs
:
SEC
BBS0
<SYS,$+3
BBS0
<SYS,Normal_Voltage
Low_Voltage:
CLC
Normal_Voltage:
RMB0
<SYS
; disable detector
TABLE 22-1 System Control Register (SYS)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R
XSEL
OSTP
XSTP
XBAK
WSKP
WAIT
IRREN
HIGH
0000 0001
$030
SYS
W
XSEL
OSTP
XSTP
XBAK
WSKP
WAIT
IRREN
LVDEN
0000 0000
Bit 0: LVDEN : Low voltage detector control bit (W)
0 = Disable detector
1 = Enable detector
Bit 0: HIGH : Low voltage detector result (R)
0 = Voltage is low
1 = Voltage is normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com