Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
62/65
2003-May-05
23.3 AC Electrical Characteristics
FIGURE 23-1 External Read Timing Diagram
FIGURE 23-2 External Write Timing Diagram
TABLE 23-1 Timing parameters for FIGURE 23-1 and FIGURE 23-2
Standard operation conditions: VCC = 3.0V, GND = 0V, TA = 25
°C
Rating
Symbol
Characteristic
Min.
Typ.
Max.
Unit
tSA
Address setup time
—
—
10
ns
tHA
Address hold time
0
—
—
ns
tWLC
CS “L” pulse width
166
—
—
ns
tCLWL
CS asserted to R
W
asserted
—
1/2 tWLC
—
ns
tWHCH
CS negated after R
W
is negated
10
—
—
ns
tCLDH
CS asserted to data outputs high
10
—
—
ns
tSDW
CS asserted to data-out is valid
—
1/2 tWLC
—
ns
tHDW
Data-out hold time after R
W
is negated
20
—
ns
tCLRL
CS asserted to D
R
asserted
—
1/2 tWLC
—
ns
tRHCH
CS negated after D
R
is negated
10
—
—
ns
tSDR
Data-in valid before D
R
is negated
30
—
—
ns
tHDR
Data-in hold time after D
R
is negated
10
—
—
ns
tR
Signal rise time
—
20
—
ns
tF
Signal fall time
—
10
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com