Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
37/65
2003-May-05
15.2 PWM DAC Mode Options
The PWM DAC generator has three modes, Single-pin
mode, Two-pin two-ended mode and Two-pin push pull
mode. They are depended on the application used. The
DAC mode is controlled by DMD[1~0]. (TABLE 13-3)
15.2.1 Single-Pin Mode (7-bit Accuracy)
Single-pin mode is designed for use with a single-transistor
amplifier. It has 7 bits of resolution. The duty cycle of the
PSG1 is proportional to the output value. If the output value
is 0, the duty cycle is 50%. As the output value increases
from 0 to 63, the duty cycle goes from being high 50% of
the time up to 100% high. As the value goes from 0 to -64,
the duty cycle decreases from 50% high to 0%. PSG0 is
inverse of PSG1’s waveform. Figure 13-3 shows the PSG1
waveforms.
DAC = 0
64
64
DAC = 32
DAC = -32
DAC = X
96
32
32
96
64+X
64-X
High
Low
PSG1
FIGURE 15-3 Single-Pin Mode Wave Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com