Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
61/65
2003-May-05
2
23
3.. E
EL
LE
EC
CT
TR
RIIC
CA
AL
L C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
23.1 Absolute Maximum Rations
DC Supply Voltage ------------------------------- -0.3V to +6V
Operating Ambient Temperature ---------
-10
°C to +60°C
Storage Temperature ------------------------ -10
°C to +125°C
23.2 DC Electrical Characteristics
Standard operation conditions: VCC = 3.0V, GND = 0V, TA = 25
°C, OSC = 2M Hz, unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VCC
2.4
5.5
V
Operating Frequency
F1
3.0
MHz
VCC = 2.4V ~ 5.5V
Operating Frequency
F2
4.0
MHz
VCC = 2.7 ~ 5.5V
Operating Current
IOP
770
1100
µA
All I/O port are input and pull-up, execute NOP
instruction, LCDC on
Standby Current
ISB0
210
250
µA
All I/O port are input and pull-up, OSCX on, LCDC on
(WAIT0 mode)
Standby Current
ISB1
1.2
µA
All I/O port are input and pull-up, OSCX on, LCDC off
(WAIT1 mode)
Input High Voltage
VIH
0.7Vcc
Vcc+0.3
V
Port-A/B/C/D/E/L
0.85Vcc
V
RESET
Input Low Voltage
VIL
GND-0.3
0.3Vcc
V
Port-A/B/C/D/E/L
0.15Vccc
V
RESET
Pull-up resistance
RIH
240
245
250
K
Ω
Port-A/B/C/D/E/L (input Voltage=0.7VCC)
Output high voltage
VOH1
0.7Vcc
V
Port-A/B/C/D/L (IOH=-3.5mA)
Output high voltage
VOH1
0.7Vcc
V
Port-B (IOH=-5.5mA)
Output low voltage
VOL1
0.3Vcc
V
Port-A/B/C/D/E/L (IOL=7.5mA)
Output high voltage
VOH2
0.7Vcc
V
PSG/DAC, IOH = -30mA.
Output low voltage
VOL2
0.3Vcc
V
PSG/DAC, IOL = 70mA.
Low voltage detector
active level
VLVD
2.6
V
Low voltage detector
current
Ilvdet
127
uA
*Notice: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. All the
ranges are stress ratings only. Functional operation of this
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied or
intended. Exposed to the absolute maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com