Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 48Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 49Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 50Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 51Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
48/65
2003-May-05
17.3 SPI Control/Status Registers
SPI control and status registers are summarized in TABLE 17-1.
TABLE 17-2 Summary Of SPI Control Registers
Address
Name
R/W
Bit 7/15 Bit 6/14 Bit 5/13 Bit 4/12 Bit 3/11 Bit 2/10
Bit 1/9
Bit 0/8
Default
$050
SDATAL
R/W
SD[7]
SD[6]
SD[5]
SD[4]
SD[3]
SD[2]
SD[1]
SD[0]
???? ????
$051
SDATAH R/W
SD[15]
SD[14]
SD[13]
SD[12]
SD[11]
SD[10]
SD[9]
SD[8]
???? ????
$052
SCTR
R/W
SPIEN
RXIEN
ERIEN MEREN DRINV
POL
PHA
SMOD
0000 0000
$053
SCKR
R/W
-
SCK[2]
SCK[1]
SCK[0]
BC[3]
BC[2]
BC[1]
BC[0]
-000 0000
R
-
RXRDY TXEMP
SBZ
-
MDERR
OERR
BCERR
-000 -000
$054
SSR
W
Write any value to reset SSR
$00A
PCC
R/W
PCC[7]
PCC[6]
PCC[5]
PCC[4]
PCC[3]
PCC[2]
PCC[1]
PCC[0]
0000 0000
$00D
PFC
R/W
RXD0
TXD0
SRDY
SS
MOSI
MISO
SCK
INTX
0000 0000
$03D
IREQH
R/W
-
-
-
-
IRURX
IRUTX
IRSRX
IRSTX
- - - - 0000
$03F
IENAH
R/W
-
-
-
-
IEURX
IEUTX
IESRX
IESTX
- - - - 0000
17.3.1 SPI Data Registers
TABLE 17-3 SPI Data Registers
Address Name
R/W Bit 7/15
Bit 6/14
Bit 5/13
Bit 4/12
Bit 3/11
Bit 2/10
Bit 1/9
Bit 0/8
Default
$050
SDATAL R/W
SD[7]
SD[6]
SD[5]
SD[4]
SD[3]
SD[2]
SD[1]
SD[0]
0000 0000
$051
SDATAH R/W
SD[15]
SD[14]
SD[13]
SD[12]
SD[11]
SD[10]
SD[9]
SD[8]
0000 0000
Bit 7~0: Write: Write low byte data to transmit buffer / clear status bit TXEMP / trigger an data exchange
Read: Read low byte data from receive buffer / clear status bit RXRDY
Bit 15~8: Write: Write high byte data to transmit buffer / Read: Read high byte data from receive buffer
17.3.2 SPI Control Register
TABLE 17-4 SPI Control Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$052
SCTR
R/W
SPIEN
RXIEN
ERIEN
MEREN
DRINV
POL
PHA
SMOD
0000 0000
Bit 7: SPIEN : SPI control bit
0 = SPI disable
1 = SPI enable
Bit 6: RXIEN : Receive buffer ready interrupt control bit
0 = Receive buffer ready interrupt disable
1 = Receive buffer ready interrupt enable
Bit 5: ERIEN : Two error interrupts control bit
0 = Two error interrupts disable
1 = Two error interrupts enable
Bit 4: MEREN : Mode fault detection control bit
0 = Mode fault detection disable
1 = Mode fault detection enable
Bit 3: DRINV : DATA_READY active level selection bit
0 = Active level is high
1 = Active level is low
Bit 2~1: SPHA/SPOL : SPI clock polarity and phase control bits
Refer to section 17.1.1
Bit 0: SMOD : Master / Slave modes selection bit
0 = Select slave mode
1 = Select master mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com