Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
38/65
2003-May-05
15.2.2 Two-Pin Two Ended Mode (8-bit Accuracy)
Two-Pin Two-Ended mode is designed for use with a single
transistor amplifier. It requires two pin that PSG0 and PSG1.
When the DAC value is positive, PSG1 goes high with a
duty cycle proportional to the output value, while PSG0
stays high. When the DAC value is negative, PSG0 goes
low with a duty cycle proportional to the output value, while
PSG1 stays low. This mode offers a resolution of 8 bits.
Figure 13-5 shows examples of DAC output waveforms with
different output values. Each pulse of the DAC is divided
into 128 segments per sample period. For a positive output
value x=0 to 127, PSG1 goes high for X segments while
PSG0 stays high. For a negative output value x=0 to -127,
PSG0 goes low for |X| segments while PSG1 stays low.
FIGURE 15-4 Two-Pin Two Ended Mode Wave-Form
High
Low
PSG0
DAC = X
Where X=0 to 127
DAC = 96
High
Low
PSG1
X
128-X
DAC = 32
DAC = 127
127
1
96
32
32
96
High
Low
PSG0
DAC = X
Where X=0 to -128
DAC = 0
High
Low
PSG1
|X|
128+X
DAC = -48
DAC = -128
48
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com