Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
42/65
2003-May-05
FIGURE 16-2 LCD Interface Timing for 1-/4-Bit Data
16.4 Control Registers
16.4.1 LCD Screen Starting Address Register
The LCD screen starting address register (LSSA) is used to inform the starting address of current display buffer. Different
LCD frames can be switched quickly by simply modifying content of LSSA. The LCD controller will start fetching pixel data
from system memory at this address.
TABLE 16-2 LCD Screen Starting Address Register
Address Name
R/W Bit 7/15
Bit 6/14
Bit 5/13
Bit 4/12
Bit 3/11
Bit 2/10
Bit 1/9
Bit 0/8
Default
$040
LSSAL
W
SSA[7]
SSA[6]
SSA[5]
SSA[4]
SSA[3]
SSA[2]
SSA[1]
SSA[0]
0000 0000
$041
LSSAH
W
SSA[15] SSA[14] SSA[13] SSA[12] SSA[11] SSA[10]
SSA[9]
SSA[8]
0000 0000
Bit 15~0: LSSA[15:0] : 16-bit starting address of display buffer
16.4.2 LCD Virtual Page Width Register
The LCD virtual page width register (LVPW) contains the width of a virtual screen that may be wider than real setting. This
field is used for calculating the starting point of next line.
TABLE 16-3 LCD Virtual Page Width Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$042
LVPW
W
VP[7]
VP[6]
VP[5]
VP[4]
VP[3]
VP[2]
VP[1]
VP[0]
0000 0000
Bit 7~0: VP[7:0] : Width of virtual page width
Virtual page with = LVPW * 16
16.4.3 LCD Screen Width Register
The LCD screen width register (LXMAX) is used to specify the width of the LCD panel in pixels. Every bit of display data
maps to one pixel of LCD panel. LXMAX represents number of data in byte of each line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com