Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 32Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
36/65
2003-May-05
15.1 Sample Rate Control
PSG1L and PSG1H control the sample rate. PSG1[11~6]
controls PWM repeat times (usually set=111100 for four
times of DAC reload) and PSG1[5~0] usually set ‘1’. The
input clock source is controlled by PCK[2~0]. The block
diagram is shown as the following:
Sample Rate Generator
CK_IN
Enable
Output
PSG1[11~0]
PWM Generator
DAC[7~0]
Enable
Fs
PO
POB
Reload_DAC
INH
DAC[7~0]
DMD[0]
DMD[1]
BD
PSG1[11~0]
PSGCK
Fs
BDB
DACE
Reload_DAC
DMD[0]
DMD[1]
FIGURE 15-1 DAC Diagram
RC
OSCX
PSGC[6~4]
IN0
IN1
Output
Select
PSG Selector
PSGCK
PSGC
SYSCK
PSGCK
SYSCK/2
SYSCK/4
SYSCK/8
SYSCK x 2
OSCX
B6 B5 B4
0
0
0
X
X
0
1
1
1
1
1
1
1
0
1
0
0
0
FIGURE 15-2 DAC Clock Source Control
TABLE 15-4 DAC Sample Rate Description (RCOSC = 2MHz)
DAC interrupt frequency
PWM frequency
PSGC b6, b5, b4
PSG1H, PSG1L
8K
32K
100
00001111, 00111111
16K
32K
100
00001111, 10111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com