Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
15/65
2003-May-05
Port-A is designed for keyboard scan with de-bounce and
transition triggered interrupt, while Port-C/D/E are multiplexed
with other system functions, and are controlled by PFC, PFD,
and PMCR[2:0]. Port-L is shared with LCD specific signals of
LCDC. Turning off LCDC by setting LPWR (LCTR[7]) reserves
Port-L for GPIO.
Selecting respective pins to be GPIO or signals of system
function will not affect original settings of I/O directions and
types. This extends the flexibility of the usage of function
signals.
Note: All the properties of pins are still programmable
and must be ascertained before they are
assigned to system functions, especially the
direction of pins.
TABLE 9-3 Port Control Registers
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$008~$00C / $07E PCA~PCE, PCL R/W PCx[7] PCx[6] PCx[5] PCx[4] PCx[3] PCx[2] PCx[1] PCx[0] 0000 0000
Bit 7~0: PCx[7:0] : Port-x direction control bits
0 = Input mode
1 = Output mode
TABLE 9-4 Port Data Registers
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$000~$004 / $07C PA~PE, PL R/W
Px[7]
Px[6]
Px[5]
Px[4]
Px[3]
Px[2]
Px[1]
Px[0]
1111 1111
Bit 7~0: Px[7:0] : Port data / pull-resistor control bits
I/O Modes
R/W
Input Mode
Output Mode
Read
Input data
Write
0 = Disable pull-up resistor
Select pull-down resistor (Port-C only)
1 = Select pull-up resistor
Output data
TABLE 9-5 Port I/O Type Select Registers
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$005
PSC
R/W PSC[7] PSC[6] PSC[5] PSC[4] PSC[3] PSC[2] PSC[1] PSC[0] 1111 1111
Bit 7~0: PSC[7:0] : Port I/O types selection bits
Input Mode
Output Mode
0 = Disable pull-up/down resisters
1 = Enable pull-up/down resisters
0 = Open-drain
1 = CMOS
TABLE 9-6 Port Function Select Registers
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$00D
PFC
R/W RXD0
TXD0 SRDY
SS
MOSI
MISO
SCK
INTX 0000 0000
$00E
PFD
R/W RXD1
TXD1
CS6
CS5
CS4
CS3
CS2
CS1
0000 0000
Bit 7~0: PFC/D[7:0] : Port function select bits
0 = GPIO
1 = Indicated function signal is connected
TABLE 9-7 Port Miscellaneous Control Register (PMCR)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$00F
PMCR
R/W
PULL
PDBN
INTEG
CSM1
CSM0
BCO
TCO1
TCO0
1000 0000
Bit 7: PULL : Enable/disable all pull-up resisters of Port-A/B/D/E/L
1 = Enable pull-up resisters
0 = Disable pull-up resisters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com