Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
6/65
2003-May-05
5
5.. D
DE
EV
VIIC
CE
E IIN
NF
FO
OR
RM
MA
AT
TIIO
ON
N
1.
Pad size: 90um x 90um
2.
Substrate: GND
3.
Chip size: 3160um x 3210um
PAD
No.
Symbol
X
Y
1
TEST1
1445
1510
2
A14
1320
1510
3
A15
1195
1510
4
A16
1085
1510
5
PL0
975
1510
6
PL1
865
1510
7
PL2
755
1510
8
PL3
645
1510
9
PL4
535
1510
10
PL5
425
1510
11
PL6
315
1510
12
PL7
205
1510
13
BLANK
95
1510
14
POFF
-15
1510
15
RESET
-125
1510
16
XMD
-235
1510
17
VCC
-345
1510
18
XIO
-455
1510
19
OSCI
-565
1510
20
OSCXO
-675
1510
21
OSCXI
-785
1510
22
GND
-895
1510
23
PA0
-1005
1510
24
PA1
-1130
1510
25
PA2
-1255
1510
26
MMD
-1485
1489
27
PA3
-1485
1354
28
PA4
-1485
1229
29
PA5
-1485
1119
30
PA6
-1485
1009
31
PA7
-1485
899
32
PB0
-1485
789
33
PB1
-1485
679
34
PB2
-1485
569
PAD
No.
Symbol
X
Y
35
PB3
-1485
459
36
PB4
-1485
349
37
PB5
-1485
239
38
PB6
-1485
129
39
PB7
-1485
19
40
PC0
-1485
-91
41
PC1
-1485
-201
42
PC2
-1485
-311
43
PC3
-1485
-421
44
PC4
-1485
-531
45
PC5
-1485
-641
46
PC6
-1485
-751
47
PC7
-1485
-861
48
GND
-1485
-971
49
PGND
-1485
-1135
50
PSGO
-1485
-1260
51
PSGOB
-1485
-1385
52
PVCC
-1485
-1510
53
PE0
-1243.4
-1510
54
PE1
-1118.4
-1510
55
PE2
-993.4
-1510
56
PE3
-883.4
-1510
57
PE4
-773.4
-1510
58
PE5
-663.4
-1510
59
PE6
-553.4
-1510
60
PE7
-443.4
-1510
61
PD0
-333.4
-1510
62
PD1
-223.4
-1510
63
PD2
-113.4
-1510
64
PD3
-3.4
-1510
65
PD4
106.6
-1510
66
PD5
216.6
-1510
67
PD6
326.6
-1510
68
PD7
436.6
-1510
PAD
No.
Symbol
X
Y
69
WR
546.6
-1510
70
RD
656.6
-1510
71
GND
766.6
-1510
72
D7
876.6
-1510
73
D6
986.6
-1510
74
D5
1096.6
-1510
75
D4
1206.6
-1510
76
D3
1331.6
-1510
77
TEST2
1456.6
-1510
78
D2
1485
-1294.9
79
D1
1485
-1169.9
80
D0
1485
-1044.9
81
A0
1485
-934.9
82
A1
1485
-824.9
83
A2
1485
-714.9
84
A3
1485
-604.9
85
A4
1485
-494.9
86
A5
1485
-384.9
87
A6
1485
-274.9
88
A7
1485
-164.9
89
A17
1485
-54.9
90
VCC
1485
55.1
91
A18
1485
165.1
92
A19
1485
275.1
93
A20
1485
385.1
94
A21
1485
495.1
95
A22
1485
605.1
96
A8
1485
715.1
97
A9
1485
825.1
98
A10
1485
935.1
99
A11
1485
1045.1
100
A12
1485
1170.1
101
A13
1485
1295.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com