Electronic Components Datasheet Search
  English  ▼

X  

ST2202 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 31Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 32Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
35/65
2003-May-05
1
15
5.. P
PW
WM
M D
DA
AC
C
A built-in PWM DAC is for analog sampling data or voice
signals. The structure of DAC is shown in TABLE 15-1.
There is an interrupt signal from DAC to CPU whenever
DAC data update is needed and the same signal will decide
the sampling rate of voice. In DAC mode, the frequency of
RC oscillator can’t less 2M Hz.
TABLE 15-1 Summary Of DAC Registers
Address Name R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$012
PSG1L
W
PSG1[7] PSG1[6] PSG1[5] PSG1[4] PSG1[3] PSG1[2] PSG1[1] PSG1[0]
0000 0000
$013
PSG1H
W
-
-
-
-
PSG1[11] PSG1[10] PSG1[9] PSG1[8]
- - - - 0000
$014
DAC
W
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
0000 0000
$016
PSGC
W
-
PCK[2]
PCK[1]
PCK[0]
DMD[1]
DMD[0]
INH
DACE=1
-000 0000
TABLE 15-2 DAC Data Register (DAC)
Address Name R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$014
DAC
W
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
0000 0000
Bit 7~0:
DAC[7~0] : DAC output data
Note: For Single-Pin Single Ended mode, the effective output resolution is 7 bit.
TABLE 15-3 DAC Control Register (PSGC)
Address Name R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$016
PSGC
W
-
PCK[2]
PCK[1]
PCK[0]
DMD[1]
DMD[0]
INH
DACE=1
- 000 0000
Bit 0:
DACE : PSG play as Tone (Noise) or DAC Generator selection bit
1 = PSG is used as DAC Generator
0 = PSG is used as Tone (Noise) Generator
Bit 1:
INH : DAC output inhibit control bit
1 = DAC output inhibit
0 = DAC output enable
Bit 3~2: DMD[1~0] : DAC output mode selection
00 = Single-Pin mode
: 7 bit resolution
01 = Two-Pin Two Ended mode
: 8 bit resolution
10 = Reserved
11 = Two-Pin Push Pull mode
: 8 bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com