Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 110 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 110 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 106Page - Cirrus Logic WM8983 Datasheet HTML 107Page - Cirrus Logic WM8983 Datasheet HTML 108Page - Cirrus Logic WM8983 Datasheet HTML 109Page - Cirrus Logic WM8983 Datasheet HTML 110Page - Cirrus Logic WM8983 Datasheet HTML 111Page - Cirrus Logic WM8983 Datasheet HTML 112Page - Cirrus Logic WM8983 Datasheet HTML 113Page - Cirrus Logic WM8983 Datasheet HTML 114Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 129 page
background image
WM8983
110
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5:0
PLLK[23:18]
01100
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Master Clock
and Phase
Locked Loop
(PLL)
38 (26h)
8:0
PLLK[17:9]
010010011
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Master Clock
and Phase
Locked Loop
(PLL)
39 (27h)
8:0
PLLK[8:0]
011101001
Fractional (K) part of PLL1 input/output
frequency ratio (treat as one 24-digit binary
number).
Master Clock
and Phase
Locked Loop
(PLL)
41 (29h)
8:4
00000
Reserved
3:0
DEPTH3D
0000
Stereo depth
0000 = Disabled
0001 = 6.67%
0010 = 13.3%
0011 = 20%
0100 = 26.7%
0101 = 33.3%
0110 = 40%
0111 = 46.6%
1000 = 53.3%
1001 = 60%
1010 = 66.7%
1011 = 73.3%
1100 = 80%
1101 = 86.7%
1110 = 93.3%
1111 = 100% (maximum 3D effect)
3D Stereo
Enhancement
42 (2Ah)
8:6
OUT4_2ADCVOL
000
Controls the OUT4 to ADC input boost stage:
000 = Path disabled (disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
Analogue
Outputs
5
OUT4_2LNR
0
OUT4 to L or R ADC input
0 = Right ADC input
1 = Left ADC input
Analogue
Outputs
4:3
000
Reserved
2
POBCTRL
0
Power-On Bias Control
(Use during power Up. Reset when VMID bias is
stable)
0 = Bias derived from VMID
1 = Bias derived from AVDD
1
DELEN
0
2nd enable bit for L/ROUT1
0
OUT1DEL
0
2 stage enable for L/ROUT1
43 (2Bh)
8
BYPL2RMIX
0
Left bypass path (from the Left channel input
PGA stage) to right output mixer
0 = not selected
1 = selected
Analogue
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com