Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 113 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 113 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 109Page - Cirrus Logic WM8983 Datasheet HTML 110Page - Cirrus Logic WM8983 Datasheet HTML 111Page - Cirrus Logic WM8983 Datasheet HTML 112Page - Cirrus Logic WM8983 Datasheet HTML 113Page - Cirrus Logic WM8983 Datasheet HTML 114Page - Cirrus Logic WM8983 Datasheet HTML 115Page - Cirrus Logic WM8983 Datasheet HTML 116Page - Cirrus Logic WM8983 Datasheet HTML 117Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 129 page
background image
WM8983
Rev 4.6
113
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
48 (30h)
8
PGABOOSTR
1
Boost enable for right channel input PGA:
0 = PGA output has +0dB gain through input
BOOST stage.
1 = PGA output has +20dB gain through input
BOOST stage.
Input Signal
Path
7
0
Reserved
6:4
R2_2BOOSTVOL
000
Controls the R2 pin to the right channel input
boost stage:
000=Path disabled (disconnected)
001 = -12dB
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
Input Signal
Path
3
0
Reserved
2:0
AUXR2BOOSTVOL
000
Controls the auxiliary amplifier to the right
channel input boost stage:
000=Path disabled (disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
Input Signal
Path
49 (31h)
8:7
00
Reserved
6
DACL2RMIX
0
Left DAC output to right output mixer
0 = not selected
1 = selected
Analogue
Outputs
5
DACR2LMIX
0
Right DAC output to left output mixer
0 = not selected
1 = selected
Analogue
Outputs
3
OUT3BOOST
0
Output 3 Gain
0 = OUT3 output gain = -1;
DC = AVDD1 / 2
1 = OUT3 output gain = +1.5
DC = 1.5 x AVDD1 / 2
Analogue
Outputs
4
OUT4BOOST
0
Output 4 Gain
0 = OUT4 output gain = -1;
DC = AVDD1 / 2
1 = OUT4 output gain = +1.5
DC = 1.5 x AVDD1 / 2
Analogue
Outputs
2
SPKBOOST
0
Speaker Gain
0 = speaker gain = -1;
DC = AVDD1 / 2
1 = speaker gain = +1.5;
DC = 1.5 x AVDD1 / 2
Analogue
Outputs
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Analogue
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com