Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 111 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 111 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 107Page - Cirrus Logic WM8983 Datasheet HTML 108Page - Cirrus Logic WM8983 Datasheet HTML 109Page - Cirrus Logic WM8983 Datasheet HTML 110Page - Cirrus Logic WM8983 Datasheet HTML 111Page - Cirrus Logic WM8983 Datasheet HTML 112Page - Cirrus Logic WM8983 Datasheet HTML 113Page - Cirrus Logic WM8983 Datasheet HTML 114Page - Cirrus Logic WM8983 Datasheet HTML 115Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 129 page
background image
WM8983
Rev 4.6
111
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7
BYPR2LMIX
0
Right bypass path (from the right channel input
PGA stage) to Left output mixer
0 = not selected
1 = selected
Analogue
Outputs
6:5
00
Reserved
4
INVROUT2
0
Invert ROUT2 output
0 = Not inverted
1 = Inverted
Analogue
Outputs
3:0
0000
Reserved
44 (2Ch)
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Input Signal
Path
7
0
Reserved
6
R2_2INPPGA
0
Connect R2 pin to right channel input PGA
positive terminal.
0=R2 not connected to input PGA
1=R2 connected to input PGA amplifier positive
terminal (constant input impedance).
Input Signal
Path
5
RIN2INPPGA
1
Connect RIN pin to right channel input PGA
negative terminal.
0=RIN not connected to input PGA
1=RIN connected to right channel input PGA
amplifier negative terminal.
Input Signal
Path
4
RIP2INPPGA
1
Connect RIP pin to right channel input PGA
amplifier positive terminal.
0 = RIP not connected to input PGA
1 = right channel input PGA amplifier positive
terminal connected to RIP (constant input
impedance)
Input Signal
Path
3
0
Reserved
2
L2_2INPPGA
0
Connect L2 pin to left channel input PGA
positive terminal.
0=L2 not connected to input PGA
1=L2 connected to input PGA amplifier positive
terminal (constant input impedance).
Input Signal
Path
1
LIN2INPPGA
1
Connect LIN pin to left channel input PGA
negative terminal.
0=LIN not connected to input PGA
1=LIN connected to input PGA amplifier negative
terminal.
Input Signal
Path
0
LIP2INPPGA
1
Connect LIP pin to left channel input PGA
amplifier positive terminal.
0 = LIP not connected to input PGA
1 = input PGA amplifier positive terminal
connected to LIP (constant input impedance)
Input Signal
Path
45 (2Dh)
8
INPPGAVU
N/A
INPPGA left and INPPGA right volume do not
update until a 1 is written to INPPGAVU (in reg
45 or 46)
Input Signal
Path
7
INPPGAZCL
0
Left channel input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1st zero cross after gain
register write.
Input Signal
Path
6
INPPGAMUTEL
0
Mute control for left channel input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from the
following input BOOST stage).
Input Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com