Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9174 Datasheet HTML 33Page - Analog Devices AD9174 Datasheet HTML 34Page - Analog Devices AD9174 Datasheet HTML 35Page - Analog Devices AD9174 Datasheet HTML 36Page - Analog Devices AD9174 Datasheet HTML 37Page - Analog Devices AD9174 Datasheet HTML 38Page - Analog Devices AD9174 Datasheet HTML 39Page - Analog Devices AD9174 Datasheet HTML 40Page - Analog Devices AD9174 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 37 of 164
DAC PLL CLOCK
÷4
PCLK
GENERATOR
CDR HALF
RATE CLOCKS
SERDES PLL
WITH INTERNAL VCO
LANE RATES
3Gbps TO 15.4Gbps
JESD204B MODE (REGISTER 0x110, BITS[4:0])
DATAPATH INTERPOLATION (REGISTER 0x111, BITS[7:4])
CHANNEL INTERPOLATION (REGISTER 0x111, BITS[3:0])
DIRECT DAC CLOCK
Figure 55. SERDES PLL Synthesizer Block Diagram Including VCO Divider Block
The reference clock to the SERDES PLL is always running at a
frequency, fREF, that is equal to 1/40 of the lane rate (PCLK rate).
For more information about the SERDES circuitry setup and
relevant register writes, see the Start-Up Sequence section. The
SERDES PLL block automatically tunes to the appropriate divider
range for the lane rate based on the SERDES mode being used. It
takes the DAC clock generated by either the DAC PLL, if in use, or
from the direct clock being sourced at the CLKIN± pins, divides
the DAC clock frequency by 4, and uses the JESD204B parameters
corresponding to the mode and interpolation values programmed
in Register 0x110 and Register 0x111 to determine the proper
dividers for generating the PCLK frequency (lane rate ÷ 40), as
shown in Figure 55.
Confirm that the SERDES PLL is working by reading
Register 0x281. If Register 0x281, Bit 0 = 1, the SERDES PLL
has locked.
Clock and Data Recovery
The deserializer is equipped with a CDR circuit. Instead of
recovering the clock from the JESD204B serial lanes, the CDR
recovers the clocks from the SERDES PLL. The SERDES PLL in
turn uses the PCLK as its reference, where the PCLK is derived
from the DAC clock. It is thus critical to lock the JESD204B
transmitter clock to the device clock of the AD9174.
The CDR circuit synchronizes the phase used to sample the data on
each serial lane independently. This independent phase adjustment
per serial interface ensures accurate data sampling and eases the
implementation of multiple serial interfaces on a PCB.
Power-Down Unused PHYs
Any unused physical and enabled lanes consume extra power
unnecessarily. Each lane that is not being used (SERDINx±) must
be powered off by writing a 1 to the corresponding bit of PHY_PD
(Register 0x201).
Equalization
To compensate for signal integrity distortions for each PHY
channel due to PCB trace length and impedance, the AD9174
employs an easy to use, low power equalizer on each JESD204B
channel. The AD9174 equalizers operating at the maximum lane
rate of 15.4 Gbps can compensate for up to 16 dB of insertion loss.
This equalizer performance is shown in Figure 56 for 15.4 Gbps,
near the maximum baud rate for the AD9174. The channel must
also meet the insertion loss deviation (also known as spectral
ripple) requirement of the JESD204B specification (less than
1.5 dB from 50 MHz to 0.75 times the baud rate).
FREQUENCY (GHz)
7.5
11.25
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
–22
–24
3.75
EXAMPLE OF JESD204B
COMPLIANT CHANNEL
MINIMUM
ALLOWED CHANNEL
LOSS (JESD204B SPEC)
EXAMPLE OF AD9174
COMPATIBLE CHANNEL
MINIMUM ALLOWED
CHANNEL LOSS
AD9174
Figure 56. Insertion Loss Allowed
To ensure the AD9174 compensates for the amount of insertion
loss in the system, set the equalizer block appropriately. Table 22
shows the settings for the equalizer boost, equalizer gain, and
feedback controls, depending on the level of insertion loss in
the system. The equalizer boost setting is programmed for each
PHY lane (2-bit control for each) being used in Register 0x240
and Register 0x241. Similarly, the equalizer gain settings are
programmed for each PHY lane (2-bit control for each) used in
Register 0x242 and Register 0x243. The feedback control is
programmed per PHY lane (5-bit control for each, one control
per register) in Register 0x244 to Register 0x24B.
Table 22. Equalizer Register Control Settings per PHY Control
Insertion Loss
≤11 dB
>11 dB
Equalizer Boost
0x02
0x03
Equalizer Gain
0x01
0x03
Feedback
0x1F
0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com