Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 58 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9174 Datasheet HTML 54Page - Analog Devices AD9174 Datasheet HTML 55Page - Analog Devices AD9174 Datasheet HTML 56Page - Analog Devices AD9174 Datasheet HTML 57Page - Analog Devices AD9174 Datasheet HTML 58Page - Analog Devices AD9174 Datasheet HTML 59Page - Analog Devices AD9174 Datasheet HTML 60Page - Analog Devices AD9174 Datasheet HTML 61Page - Analog Devices AD9174 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 58 of 164
PDP
JESD204B
ERRORS
SPI
BSM
IRQ0/IRQ1
PIN
TXEN0/TXEN1
PIN
(LONG/SHORT) PDP_PROTECT
SPI_PROTECT
SPI_TXEN
TXEN
INTERFACE_PROTECT
FLUSH
DATAPATH
DAC
CORE
CHANNEL
SUMMER
CHANNEL
DATAPATHS
BYPASSED
M
NCO
+
RAMP UP/DOWN
GAIN
BSM_PROTECT
ERROR
TRIGGER
SOURCE
ENA_SPI_TXEN
Figure 76. Block Diagram of Downstream Protection Triggers
I2 + Q2
SHORT AVERAGE
FILTER
(2.6ns, 1.0µs) AT 12GHz
LONG AVERAGE
FILTER
(1.0µs, 1.0ms) AT 12GHz
SHORT_PA_THRESHOLD
DATAPATH
DATA SAMPLES
LONG_PA_THRESHOLD
LONG_PDP_PROTECT/
SHORT_PDP_PROTECT
Figure 77. PDP Block Diagram
Power Detection and Protection (PDP) Block
The PDP block calculates the anticipated average power at the
DACx core output and prevents overrange signals from being
output from the AD9174, to avoid a potentially destructive
breakdown of power sensitive devices, such as PAs. The protection
block provides a signal, PDP_PROTECT, that can be used ramp
down the DAC output and/or be routed to an I/O pin to flag
external components to shut down.
The PDP block uses a separate path with a shorter latency than
the datapath to ensure that PDP_PROTECT is triggered before
the overrange signal reaches the analog DAC cores (with the
exception when the total interpolation is 1×). The sum of I2 and
Q2 are calculated as a representation of the input signal power
(to improve response time, only the top six MSBs of data
samples are used). The calculated sample power values are
accumulated through a moving average filter with an output
that is the average of the input signal power across a certain
number of samples. There are two types of average filters with
different lengths: a short filter that detects high power pulses
that may result in voltage breakdown, and a long filter that
detects sustained high power signals that may last longer than
the thermal constant of the PA or another device.
When the output of the averaging filter is larger than the
threshold, the internal signal, PDP_PROTECT, goes high,
which can optionally be configured to trigger an IRQ flag and
turn off the DAC output through the ramp-up/ramp-down.
The PDP block function is illustrated in Figure 77.
The long and short averaging times are configured by the LONG_
PA_AVG_TIME (Register 0x585, Bits[3:0]) and the SHORT_
PA_AVG_TIME (Register 0x58A, Bits[1:0]) controls. Use the
following calculations to determine the average window size times:
Length of Long Average Window = 2LONG_PP_AVG_TIME + 9
Length of Short Average Window = 2SHORT_PA_AVG_TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com