Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 82 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9174 Datasheet HTML 78Page - Analog Devices AD9174 Datasheet HTML 79Page - Analog Devices AD9174 Datasheet HTML 80Page - Analog Devices AD9174 Datasheet HTML 81Page - Analog Devices AD9174 Datasheet HTML 82Page - Analog Devices AD9174 Datasheet HTML 83Page - Analog Devices AD9174 Datasheet HTML 84Page - Analog Devices AD9174 Datasheet HTML 85Page - Analog Devices AD9174 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 82 of 164
REGISTER SUMMARY
Table 61. Register Summary
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x000
SPI_INTFCONFA
SOFTRESET_M
LSBFIRST_M
ADDRINC_M
SDOACTIVE_M
SDOACTIVE
ADDRINC
LSBFIRST
SOFTRESET
0x00
R/W
0x001
SPI_INTFCONFB
SINGLEINS
CSSTALL
RESERVED
0x00
R/W
0x003
SPI_CHIPTYPE
CHIP_TYPE
0x04
R
0x004
SPI_PRODIDL
PROD_ID[7:0]
0x72
R
0x005
SPI_PRODIDH
PROD_ID[15:8]
0x91
R
0x006
SPI_CHIPGRADE
PROD_GRADE
DEV_REVISION
0x04
R
0x008
SPI_PAGEINDX
MAINDAC_PAGE
CHANNEL_PAGE
0xFF
R/W
0x00A
SPI_
SCRATCHPAD
SCRATCHPAD
0x00
R/W
0x010
CHIP_ID_L
CHIP_ID[7:0]
0x00
R
0x011
CHIP_ID_M1
CHIP_ID[15:8]
0x00
R
0x012
CHIP_ID_M2
CHIP_ID[23:16]
0x00
R
0x013
CHIP_ID_H
CHIP_ID[31:24]
0x00
R
0x020
IRQ_ENABLE
RESERVED
EN_SYSREF_
JITTER
EN_DATA_
READY
EN_LANE_
FIFO
EN_PRBSQ
EN_PRBSI
0x00
R/W
0x021
IRQ_ENABLE0
RESERVED
EN_DAC0_
CAL_DONE
RESERVED
EN_PAERR0
0x00
R/W
0x022
IRQ_ENABLE1
RESERVED
EN_DAC1_
CAL_DONE
RESERVED
EN_PAERR1
0x00
R/W
0x023
IRQ_ENABLE2
RESERVED
EN_DLL_LOST
EN_DLL_LOCK
RESERVED
EN_PLL_
LOST
EN_PLL_
LOCK
0x00
R/W
0x024
IRQ_STATUS
RESERVED
IRQ_SYSREF_
JITTER
IRQ_DATA_
READY
IRQ_
LANE_FIFO
IRQ_PRBSQ
IRQ_PRBSI
0x00
R/W
0x025
IRQ_STATUS0
RESERVED
IRQ_DAC0_
CAL_DONE
RESERVED
IRQ_
PAERR0
0x00
R/W
0x026
IRQ_STATUS1
RESERVED
IRQ_DAC1_
CAL_DONE
RESERVED
IRQ_
PAERR1
0x00
R/W
0x027
IRQ_STATUS2
RESERVED
IRQ_DLL_LOST
IRQ_DLL_
LOCK
RESERVED
IRQ_PLL_
LOST
IRQ_PLL_
LOCK
0x00
R/W
0x028
IRQ_OUTPUT_
MUX
RESERVED
MUX_
SYSREF_
JITTER
MUX_
DATA_
READY
MUX_
LANE_FIFO
MUX_
PRBSQ
MUX_
PRBSI
0x00
R/W
0x029
IRQ_OUTPUT_
MUX0
RESERVED
MUX_
DAC0_
CAL_DONE
RESERVED
MUX_
PAERR0
0x00
R/W
0x02A
IRQ_OUTPUT_
MUX1
RESERVED
MUX_
DAC1_CAL_
DONE
RESERVED
MUX_
PAERR1
0x00
R/W
0x02B
IRQ_OUTPUT_
MUX2
RESERVED
MUX_DLL_
LOST
MUX_DLL_
LOCK
RESERVED
MUX_PLL_
LOST
MUX_PLL_
LOCK
0x00
R/W
0x02C
IRQ_STATUS_
ALL
RESERVED
IRQ_
STATUS_ALL
0x00
R/W
0x036
SYSREF_COUNT
SYSREF_COUNT
0x00
R/W
0x039
SYSREF_ERR_
WINDOW
RESERVED
SYSREF_ERR_WINDOW
0x00
R/W
0x03A
SYSREF_MODE
RESERVED
SYNC_
ROTATION_
DONE
RESERVED
SYSREF_
MODE_
ONESHOT
RESERVED
0x10
R/W
0x03B
ROTATION_
MODE
SYNCLOGIC_
EN
RESERVED
PERIODIC_
RST_EN
NCORST_
AFTER_ROT_EN
RESERVED
ROTATION_MODE
0xB0
R/W
0x03F
TX_ENABLE
RESERVED
TXEN_
DATAPATH_
DAC1
TXEN_
DATAPATH_
DAC0
RESERVED
0x00
R/W
0x050
CAL_CLK_DIV
RESERVED
CAL_CLK_DIV
0x28
R/W
0x051
CAL_CTRL
CAL_CTRL0
RESERVED
CAL_CTRL1
CAL_START
0x82
R/W
0x052
CAL_STAT
RESERVED
CAL_ACTIVE
CAL_FAIL_
SEARCH
CAL_FINISH
0x00
R/W
0x05A
FSC1
FSC_CTRL[7:0]
0x28
R/W
0x061
CAL_DEBUG0
RESERVED
CAL_CTRL2
CAL_CTRL3
RESERVED
CAL_CTRL4
RESERVED
0x60
R/W
0x081
CLK_CTRL
RESERVED
CAL_CLK_
PD1
CAL_CLK_
PD0
0x00
R/W
0x083
NVM_CTRL0
NVM_CTRL0A
RESERVED
NVM_CTRL0B
0x02
R/W
0x084
SYSREF_CTRL
RESERVED
SYSREF_
INPUTMODE
RESERVED
SYSREF_PD
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com