Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9174 Datasheet HTML 21Page - Analog Devices AD9174 Datasheet HTML 22Page - Analog Devices AD9174 Datasheet HTML 23Page - Analog Devices AD9174 Datasheet HTML 24Page - Analog Devices AD9174 Datasheet HTML 25Page - Analog Devices AD9174 Datasheet HTML 26Page - Analog Devices AD9174 Datasheet HTML 27Page - Analog Devices AD9174 Datasheet HTML 28Page - Analog Devices AD9174 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 25 of 164
–1
0
1
2
3
4
5
6
0
10000
20000
30000
40000
50000
60000
70000
CODE
DAC1
DAC0
Figure 39. DNL, IOUTFS = 26 mA, 16-Bit Resolution
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
10000
20000
30000
40000
50000
60000
70000
CODE
DAC1
DAC0
Figure 40. INL, IOUTFS = 26 mA, 16-Bit Resolution
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10000
20000
30000
40000
50000
60000
70000
Code
DAC1
DAC0
Figure 41. DNL, IOUTFS = 20 mA, 16-Bit Resolution
–4
–3
–2
–1
0
1
2
3
4
5
0
10000
20000
30000
40000
50000
60000
70000
CODE
DAC1
DAC0
Figure 42. INL, IOUTFS = 20 mA, 16-Bit Resolution
CODE
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
10000
20000
30000
40000
50000
60000
70000
DAC1
DAC0
Figure 43. DNL, IOUTFS = 15.6 mA, 16-Bit Resolution
–3
–2
–1
0
1
2
3
4
0
10000
20000
30000
40000
50000
60000
70000
CODE
DAC1
DAC0
Figure 44. INL, IOUTFS = 15.6 mA, 16-Bit Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com