Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9174 Datasheet HTML 34Page - Analog Devices AD9174 Datasheet HTML 35Page - Analog Devices AD9174 Datasheet HTML 36Page - Analog Devices AD9174 Datasheet HTML 37Page - Analog Devices AD9174 Datasheet HTML 38Page - Analog Devices AD9174 Datasheet HTML 39Page - Analog Devices AD9174 Datasheet HTML 40Page - Analog Devices AD9174 Datasheet HTML 41Page - Analog Devices AD9174 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 38 of 164
Figure 57 and Figure 58 are provided as points of reference for
hardware designers and show the insertion loss for various
lengths of well laid out stripline and microstrip transmission
lines, respectively. See the Hardware Considerations section for
specific layout recommendations for the JESD204B channel.
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
STRIPLINE = 6"
STRIPLINE = 10"
STRIPLINE = 15"
STRIPLINE = 20"
STRIPLINE = 25"
STRIPLINE = 30"
Figure 57. Insertion Loss of 50 Ω Striplines on FR4
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
6" MICROSTRIP
10" MICROSTRIP
15" MICROSTRIP
20" MICROSTRIP
25" MICROSTRIP
30" MICROSTRIP
Figure 58. Insertion Loss of 50 Ω Microstrips on FR4
DATA LINK LAYER
The data link layer of the AD9174 JESD204B interface accepts
the deserialized data from the PHYs and deframes and descrambles
the data so that data octets are presented to the transport layer
to be recombined into the original data samples ahead of the
DAC core. The architecture of the data link layer is shown in
Figure 59. The data link layer consists of a synchronization
FIFO for each lane, a crossbar switch, a deframer, and a
descrambler.
The AD9174 can be set up to receive data from either a single-
link or dual-link high speed JESD204B serial data interface.
When operating in dual-link mode, the data link layer abstracts
the interface to appear as two independent JESD204B links to
the user, each occupying a maximum of four lanes. In either
mode, all eight lanes of the JESD204B interface handle link
layer communications such as code group synchronization
(CGS), frame alignment, and frame synchronization.
The AD9174 decodes 8-bit/10-bit control characters, which
mark the edges of the frame and help maintain alignment
between serial lanes. Each AD9174 serial interface link can issue
a synchronization request by setting its SYNCOUTx± signals
low. The synchronization protocol follows Section 4.9 of the
JESD204B standard. When a stream of four consecutive /K/
symbols is received, the AD9174 deactivates the synchronization
request by setting the SYNCOUTx± signals high at the next
internal LMFC rising edge. Then, the AD9174 waits for the
transmitter to issue an initial lane alignment sequence (ILAS).
During the ILAS, all lanes are aligned using the /A/ to /R/
character transition as described in theJESD204B Serial Link
Establishment section. Elastic buffers hold early arriving lane
data until the alignment character of the latest lane arrives. At
this point, the buffers for all lanes are released and all lanes are
aligned (see Figure 60).
LANE 0 DESERIALIZED
AND DESCRAMBLED DATA
LANE 0 DATA CLOCK
SERDIN0±
FIFO
SERDIN7±
FIFO
CROSS-
BAR
SWITCH
LANE 7 DESERIALIZED
AND DESCRAMBLED DATA
LANE 7 DATA CLOCK
PCLK
DATA LINK LAYER
SPI CONTROL
SYSREF±
SYNCOUTx±
SYSTEM CLOCK
PHASE DETECT
LANE 0 OCTETS
LANE 7 OCTETS
QUAD-BYTE
DEFRAMER
QBD
Figure 59. Data Link Layer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com