Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9174 Datasheet HTML 38Page - Analog Devices AD9174 Datasheet HTML 39Page - Analog Devices AD9174 Datasheet HTML 40Page - Analog Devices AD9174 Datasheet HTML 41Page - Analog Devices AD9174 Datasheet HTML 42Page - Analog Devices AD9174 Datasheet HTML 43Page - Analog Devices AD9174 Datasheet HTML 44Page - Analog Devices AD9174 Datasheet HTML 45Page - Analog Devices AD9174 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 42 of 164
3. If Subclass 1, configure the SYSREF± settings as follows:
a. Set Register 0x039 (SYSREF± jitter window). See Table 24
for settings.
b. Set Register 0x036 = SYSREF_COUNT. Leave the
setting as 0 to bypass.
4. Perform a one-shot sync.
a. Set Register 0x03A = 0x00. Clear one-shot mode if
already enabled.
b. Set Register 0x03A = 0x02. Enable one-shot sync
mode.
5. If Subclass 1, send a SYSREF± edge. If pulse counting,
multiple SYSREF± edges are required. Sending SYSREF±
edges triggers the synchronization.
6. Read back the SYNC_ROTATION_DONE bit
(Register 0x03A, Bit 4) to confirm the rotation occurred.
Resynchronizing LMFC Signals
If desired, the sync procedure can be repeated to realign the
LMFC clock to the reference signal by repeating Step 2 to
Step 6, described in the Sync Procedure section. When the
one-shot sync is armed (writing Register 0x03A = 0x02), the
SYNCOUTx± signals deassert to drop the JESD204B links and
reassert after the rotation completes.
Deterministic Latency
JESD204B systems contain various clock domains distributed
throughout. Data traversing from one clock domain to a
different clock domain can lead to ambiguous delays in the
JESD204B link. These ambiguities lead to nonrepeatable
latencies across the link from power cycle to power cycle with
each new link establishment. Section 6 of the JESD204B
specification addresses the issue of deterministic latency with
mechanisms defined as Subclass 1 and Subclass 2.
The AD9174 supports JESD204B Subclass 0 and Subclass 1
operation, but not Subclass 2. Write the subclass to
Register 0x458, Bits[7:5].
Subclass 0
Subclass 0 mode provides deterministic latency to within
several PCLK cycles. It does not require any signal on the
SYSREF± pins, which can be left disconnected.
Subclass 0 still requires that all lanes arrive within the same LMFC
cycle and the dual DACs must be synchronized to each other.
Subclass 1
This mode gives deterministic latency and allows the link to be
synchronized to within a few DAC clock cycles. Across the full
operating range, for both supply and temperature, it is within
±2.5 DAC clock periods for a 6 GHz DAC clock rate or ±4 DAC
clock periods for a 12.6 GHz DAC clock rate. If both supply and
temperature stability are maintained, the link can be
synchronized to within ±1.5 DAC clock periods for a 6 GHz
DAC clock rate or ±2.5 DAC clock periods for a 12.6 GHz DAC
clock rate. Achieving this latency requires an external, low jitter
SYSREF± signal that is accurately phase aligned to the DAC clock.
Deterministic Latency Requirements
Several key factors are required for achieving deterministic
latency in a JESD204B Subclass 1 system, as follows:
•
The SYSREF± signal distribution skew within the system
must be less than the desired uncertainty.
•
The total latency variation across all lanes, links, and
devices must be ≤12 PCLK periods, which includes both
variable delays and the variation in fixed delays from lane
to lane, link to link, and device to device in the system.
ILAS
ILAS
FIXED DELAY
VARIABLE
DELAY
POWER CYCLE
VARIANCE
DATA
LMFC
ALIGNED DATA
AT Rx OUTPUT
DATA AT
Tx INPUT
DATA
DSP
CHANNEL
LOGIC DEVICE
(JESD204B Tx)
JESD204B Rx
DAC
LINK DELAY = DELAYFIXED + DELAYVARIABLE
Figure 63. JESD204B Link Delay = Fixed Delay + Variable Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com