Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9174 Datasheet HTML 43Page - Analog Devices AD9174 Datasheet HTML 44Page - Analog Devices AD9174 Datasheet HTML 45Page - Analog Devices AD9174 Datasheet HTML 46Page - Analog Devices AD9174 Datasheet HTML 47Page - Analog Devices AD9174 Datasheet HTML 48Page - Analog Devices AD9174 Datasheet HTML 49Page - Analog Devices AD9174 Datasheet HTML 50Page - Analog Devices AD9174 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 47 of 164
Configuration Parameters
The AD9174 modes refer to the link configuration parameters
for L, K, M, N, NP, S, and F. Table 30 provides the description
and addresses for these settings.
Table 30. Configuration Parameters
JESD204B
Setting
Description
Address
L − 1
Number of lanes minus 1.
Register 0x453,
Bits[4:0]
F − 1
Number of ((octets per frame) per
lane) minus 1.
Register 0x454,
Bits[7:0]
K − 1
Number of frames per multiframe
minus 1.
Register 0x455,
Bits[4:0]
M − 1
Number of converters minus 1.
Register 0x456,
Bits[7:0]
N − 1
Converter bit resolution minus 1.
Register 0x457,
Bits[4:0]
NP − 1
Bit packing per sample minus 1.
Register 0x458,
Bits[4:0]
S − 1
Number of ((samples per
converter) per frame) minus 1.
Register 0x459,
Bits[4:0]
HD
High density format. Set to 1.
Register 0x45A,
Bit 7
DID
Device ID. Match the device ID
sent by the transmitter.
Register 0x450,
Bits[7:0]
BID
Bank ID. Match the bank ID sent by
the transmitter.
Register 0x451,
Bits[7:0]
LID0
Lane ID for Lane 0. Match the Lane
ID sent by the transmitter on
Logical Lane 0.
Register 0x452,
Bits[4:0]
JESDV
JESD204x version. Match the
version sent by the transmitter
(0x0 = JESD204A, 0x1 = JESD204B).
Register 0x459,
Bits[7:5]
The AD9174 truncates the output of the main digital datapath
to the value of N bits for the selected mode, which is then sent
to the DAC core. It is possible to send the value of NP number
of bits worth of data with the lower NP − N LSBs padded as 0s,
or to send the full NP number of bits data across the SERDES
lanes. In either case, the lower NP − N LSBs are truncated prior
to the DAC core.
Data Flow Through the JESD204B Receiver
The link configuration parameters determine how the serial bits
on the JESD204B receiver interface are deframed and passed on
to the DACs as data samples.
Deskewing and Enabling Logical Lanes
After proper configuration, the logical lanes are automatically
deskewed. All logical lanes are enabled or not based on the
number of lanes for the mode setting chosen in Register 0x110,
Bits[4:0]. The physical lanes are all powered up by default. To
disable power to physical lanes that are not being used, set Bit x
in Register 0x201 to 1 to disable Physical Lane x, and keep it at 0
to enable it. The logical lanes must be enabled and deskewed on
a per link basis using the LINK_PAGE control (Register 0x300,
Bit 2). Set Bit x in Register 0x46C to 1 to deskew Link Logical
Lane x for the selected link page.
JESD204B TEST MODES
PRBS Testing
The JESD204B receiver on the AD9174 includes a PRBS pattern
checker on the back end of the PHY layer. The pattern checker
supports PRBS7, PRBS15, and PRBS31 data patterns, as defined
in the JESD204B specifications. The PRBS pattern can be sourced
from an external JESD204B transmitter, such a field-programmable
gate array (FPGA), or alternatively generated by the internal PRBS7
generator as described in the Internal PRBS7 Generator section.
This functionality allows testing of the bit error rate (BER) on
each physical lane of the AD9174 as well as the JESD204B PHY
as a whole. Low BER during PRBS testing confirms proper clocking
and clock synchronization, and confirms that the intercom-
nections (traces, connectors, and cabling) between the JESD204B
transmitter and receiver is of sufficient quality. Although the
PHY PRBS pattern checker does not require that the JESD204B
link be fully established, the JESD204B mode on the AD9174
must be configured so that the physical lanes are properly clocked
and are ready to receive PRBS data. The PRBS data must not be
8-bit/10-bit encoded. PRBS pattern verification can be performed
on multiple lanes at once or on one lane at a time. The error
count for each failing JESD204B lane is reported independently.
The process for enabling the PRBS checker on the AD9174 is as
follows:
1. Start sending a PRBS7, PRBS15, or PRBS31 looped pattern,
either from a JESD204B transmitter, or from the internal
PRBS7 generator of the AD9174.
2. Select the appropriate PRBS pattern to be received by
writing to Register 0x316, Bits[3:2], as shown in Table 31.
3. Enable the PHY test for all lanes being tested by writing to
PHY_TEST_EN (Register 0x315). Each bit of Register 0x315
enables the PRBS test for the corresponding lane. For example,
writing a 1 to Bit 0 enables the PRBS test for Physical Lane 0.
Any running JESD204B link is interrupted at this point.
4. Toggle PHY_TEST_RESET (Register 0x316, Bit 0) from 0
to 1 then back to 0 to reset the status registers to the default
value.
5. Set PHY_PRBS_TEST_THRESHOLD_xBITS (Register 0x319
to Register 0x317, Bits[23:0]) as desired.
6. Write a 0 and then a 1 to PHY_TEST_START (Register 0x316,
Bit 1). The rising edge of PHY_TEST_START starts the test.
a. In some cases, it may be necessary to repeat Step 4 at
this point. Toggle PHY_TEST_RESET (Register 0x316,
Bit 0) from 0 to 1, then back to 0.
7. Wait to accumulate the desired number of bits, or at least
500 ms.
8. Stop the test by writing PHY_TEST_START (Register 0x316,
Bit 1) = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com