Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9174 Datasheet HTML 23Page - Analog Devices AD9174 Datasheet HTML 24Page - Analog Devices AD9174 Datasheet HTML 25Page - Analog Devices AD9174 Datasheet HTML 26Page - Analog Devices AD9174 Datasheet HTML 27Page - Analog Devices AD9174 Datasheet HTML 28Page - Analog Devices AD9174 Datasheet HTML 29Page - Analog Devices AD9174 Datasheet HTML 30Page - Analog Devices AD9174 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 27 of 164
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation of the actual analog output from
the ideal output, determined by a straight line drawn from zero
scale to full scale.
Differential Nonlinearity (DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Offset Error
Offset error is the deviation of the output current from the ideal
value of 0 mA. For DACx+, a 0 mA output is expected when all
inputs are set to 0. For DACx−, a 0 mA output is expected when
all inputs are set to 1.
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the difference between
the output when the input is at its minimum code and the
output when the input is at its maximum code.
Output Compliance Range
The output compliance range is the range of allowable voltages
at the output of a current output DAC. Operation beyond the
maximum compliance limits can cause either output stage
saturation or breakdown, resulting in nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (25°C) value to the value at either TMIN or TMAX. For offset
and gain drift, the drift is reported in ppm of full-scale range
(FSR) per degree Celsius. For reference drift, the drift is reported
in ppm per degree Celsius.
Settling Time
Settling time is the time required for the output to reach and
remain within a specified error band around its final value,
measured from the start of the output transition.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the peak amplitude
of the output signal and the peak spurious signal within the dc
to Nyquist frequency of the DAC. Typically, energy in this band
is rejected by the interpolation filters. This specification, therefore,
defines how well the interpolation filters work and the effect of
other parasitic coupling paths on the DAC output.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the Nyquist
frequency, excluding the first six harmonics and dc. The value
for SNR is expressed in decibels.
Interpolation Filter
If the digital inputs to the DAC are sampled at a multiple rate of
the interpolation rate (fDATA), a digital filter can be constructed that
has a sharp transition band near fDATA/2. Images that typically
appear around the output data rate (fDAC) can be greatly suppressed.
Channel Datapath
The channel datapath, sometimes referred to as a channelizer, is
a complex (IQ) datapath. There are six channelizers within the
chip, with three channelizers summed in each main datapath.
The channelizers can be bypassed if unused, depending on the
mode of operation. When the channelizers are in use, a complex
(I/Q) input data stream is required. Each channel datapath
includes an independently controlled gain stage and a channel
NCO. A selectable channel interpolation block is configurable
according to the mode of operation. All channels must be set to
the same interpolation rate.
Main Datapath
The main datapath refers to the portion of the digital datapath after
the summing node in the chip, up to each of the main DAC analog
cores. Each of these main datapaths includes an optional PA
protection block with a feed forward to the ramp up/down gain
stage block for muting the DAC outputs before damaging a power
amplifier in the transmit path. There is a selectable main
interpolation block that is configurable (same setting for both main
interpolation blocks) depending on the mode of operation chosen.
Each main datapath also contains an individually programmable
main NCO per main DAC datapath that can be optionally used
depending on the mode of operation.
Adjacent Channel Leakage Ratio (ACLR)
ACLR is the ratio in decibels relative to the carrier (dBc)
between the measured power within a channel relative to its
adjacent channel.
Adjusted DAC Update Rate
The adjusted DAC update rate is the DAC update rate divided
by the smallest interpolating factor. For clarity on DACs with
multiple interpolating factors, the adjusted DAC update rate for
each interpolating factor may be given.
Physical (PHY) Lane
Physical Lane x refers to SERDINx±.
Logical Lane
Logical Lane x refers to physical lanes after optionally being
remapped by the crossbar block (Register 0x308 to Register 0x30B).
Link Lane
Link Lane x refers to logical lanes considered per link. When
paging Link 0 (Register 0x300[2] = 0), Link Lane x = Logical
Lane x. When paging Link 1 (Register 0x300[2] = 1, dual link
only), Link Lane x = Logical Lane x + 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com