| Electronic Components Datasheet Search |
|
DS3173N Datasheet(PDF) 49 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3173N Datasheet(HTML) 49 Page - Dallas Semiconductor |
|
49 / 232 page ![]() DS3171/DS3172/DS3173/DS3174 49 of 230 Table 9-1. Configuration of Port Register Settings Note: The Line Mode has been configured with the LIU enabled and the JA in the receive path (LM[2:0] = 011) for all modes. Only Port 1 registers have been displayed. Test the DS317x with the following configuration settings. MODE PORT.CR1 0x040 PORT.CR2 0x042 PORT.CR3 0x044 PORT.CR4 0x046 DS3 C-Bit SCT 0x7C00 0000 0011 0000 0111 0x0000 0x0000 DS3 M13 SCT 0x7C00 0000 0011 0000 1111 0x0000 0x0000 E3.751 SCT 0x7C00 0000 0011 0001 0111 0x0000 0x0000 E3.823 SCT 0x7C00 0000 0011 0001 111X 0x0000 0x0000 Considerations For best performance of the CLAD to meet jitter requirements across the temperature range, especially @ -40 C, the following test registers should be set after reset: Address 0x20B = 0x11 Address 0x20F = 0x11 9.1 Monitoring and Debugging To determine if the device is receiving a good signal and that the chip is correctly configured for its environment, check the following status registers. Receive Loss of Lock – PORT.SR.RLOL – The clock recovery circuit of the LIU was unable to recover the clock from the incoming signal. This may indicate that the LIU’s master clock does not match the frequency of the incoming signal. Verify that the CLAD is configured to match the clock input on the CLKA, CLKB, and CLKC pins (DS3, E3, STS-1). See Table 10-11. Loss of Signal – LINE.RSR.LOS – This indicates that the LIU is unable to recover the clock and data because there is no signal on the line, or that the signal is attenuated beyond recovery. Loss of Frame – T3.RSR1.LOF (or E3751.RSR1 or E3832.RSR1) – This indicates that the framer was unable to synchronize to the incoming data. Verify that the FM bits have been correctly configured for the correct mode of traffic (DS3, E3 G.751, E3 G.832) Other helpful techniques to utilize in diagnosing a problem include using Line Loopback and Diagnostic Loopback. These features help to isolate and identify the source of the problem. Line Loopback will loop the receive input to the transmit output, eliminating the transmit side input from the equation. Diagnostic Loopback will loop the transmit output before the LIU to the receive framer, eliminating the analog Receive LIU and the receive side analog circuitry. One other potential problem is the Line Encoding/Decoding. The device needs to be configured in the same mode as the far end piece of equipment. If the far end piece of equipment is transmitting and receiving HDB3/B3ZS encoded data, the DS317x also must be configured to do the same. This is controlled by the LINE.TCR.TZSD and the LINE.RCR.RZSD bits. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |