Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 96 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 96 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 92Page - Dallas Semiconductor DS3173N Datasheet HTML 93Page - Dallas Semiconductor DS3173N Datasheet HTML 94Page - Dallas Semiconductor DS3173N Datasheet HTML 95Page - Dallas Semiconductor DS3173N Datasheet HTML 96Page - Dallas Semiconductor DS3173N Datasheet HTML 97Page - Dallas Semiconductor DS3173N Datasheet HTML 98Page - Dallas Semiconductor DS3173N Datasheet HTML 99Page - Dallas Semiconductor DS3173N Datasheet HTML 100Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
96 of 231
The receive direction performs packet processing and stores the packet data in the FIFO. It removes packet data
from the FIFO and outputs the packet data to the microprocessor via the register interface.
The transmit direction inputs the packet data from the microprocessor via the register interface and stores the
packet data in the FIFO. It removes the packet data from the FIFO and performs packet processing.
The bits in a byte are received MSB first, LSB last. When they are output serially, they are output MSB first, LSB
last. The bits in a byte in an incoming signal are numbered in the order they are received, 1 (MSB) to 8 (LSB).
However, when a byte is stored in a register, the MSB is stored in the lowest numbered bit (0), and the LSB is
stored in the highest numbered bit (7). This is to differentiate between a byte in a register and the corresponding
byte in a signal.
Refer to Figure 10-20 for the location of HDLC controllers within the DS3174,3,2,1 devices.
Figure 10-20. HDLC Controller Block Diagram
10.7.2 Features
·
Programmable inter-frame fill – The inter-frame fill between packets can be all 1’s or flags.
·
Programmable FCS generation/monitoring – An FCS-16 can be generated and appended to the end of the
packet, and the FCS can be checked and removed from the end of the packet.
·
Programmable bit reordering – The packet data can be can be output MSB first or LSB first from the FIFO.
·
Programmable data inversion – The packet data can be inverted immediately after packet processing on the
transmit, and immediately before packet processing on the receive.
·
Fully independent transmit and receive paths
·
Fully independent Line side and register interface timing – The data storage can be read from or written to
via the microprocessor interface while all line side clocks and signals are inactive, and read from or written to
via the line side while all microprocessor interface clocks and signals are inactive.
10.7.3 Transmit FIFO
The Transmit FIFO block contains memory for 256 bytes of data with data status information and controller circuitry
for reading and writing the memory. The Transmit FIFO controller functions include filling the memory, tracking the
memory fill level, maintaining the memory read and write pointers, and detecting memory overflow and underflow
conditions. The Transmit FIFO receives data and status from the microprocessor interface, and stores the data
along with the data status information in memory. The Transmit Packet Processor reads the data and data status
information from the Transmit FIFO. The Transmit FIFO also outputs FIFO fill status (empty/data storage
available/full) via the microprocessor interface. All operations are byte based. The Transmit FIFO is considered
empty when its memory does not contain any data. The Transmit FIFO is considered to have data storage
available when its memory has a programmable number of bytes or more available for storage. The Transmit FIFO
is considered full when it does not have any space available for storage. The Transmit FIFO accepts data from the
DS3/E3
Transmit
LIU
IEEE P1149.1
JTAG Test
Access Port
Microprocessor
Interface
HDLC
FEAC
DS3 / E3
Transmit
Formatter
DS3 / E3
Receive
Framer
Trail
Trace
Buffer
DS3/E3
Receive
LIU
TAIS
TUA1
Clock Rate
Adapter
TX BERT
RX BERT
UA1
GEN
B3ZS/
HDB3
Encoder
B3ZS/
HDB3
Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com