Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 36Page - Dallas Semiconductor DS3173N Datasheet HTML 37Page - Dallas Semiconductor DS3173N Datasheet HTML 38Page - Dallas Semiconductor DS3173N Datasheet HTML 39Page - Dallas Semiconductor DS3173N Datasheet HTML 40Page - Dallas Semiconductor DS3173N Datasheet HTML 41Page - Dallas Semiconductor DS3173N Datasheet HTML 42Page - Dallas Semiconductor DS3173N Datasheet HTML 43Page - Dallas Semiconductor DS3173N Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
40 of 230
Figure 8-10 shows the relationship between the DS3 transmit overhead port pins.
Figure 8-10. DS3 Framing Transmit Overhead Port Timing
TOH
TOHSOF
TOHCLK
F74
C73
F73
12
3456
789
10 11 12 13 14
16 17 18 19 20 21 22 23 24
15
F11
X1
F13
C12
F12
C13
F14
F21
C21
X2
F23
C22
F22
C23
F24
F31
C31
P1
C32
F32
TOHEN
C11
Figure 8-11 shows the relationship between the E3 G.751 transmit overhead port pins.
Figure 8-11. E3 G.751 Framing Transmit Overhead Port Timing
TOH
TOHSOF
TOHCLK
N
A
FAS
10
12345678
9
10 11 12 13 14
16 17 18 19 20 21 22 23 24
15
FAS
2
FAS
3
FAS
1
FAS
6
FAS
5
FAS
4
FAS
7
FAS
8
FAS
10
A
FAS
9
FAS
2
FAS
1
N
FAS
3
FAS
4
FAS
6
FAS
8
FAS
5
FAS
9
FAS
9
TOHEN
Figure 8-12 shows the relationship between the E3 G.832 transmit overhead port pins.
Figure 8-12. E3 G.832 Framing Transmit Overhead Port Timing
TOH
TOHCLK
GC
8
GC
7
GC
6
12345678
9
10 11 12
13 14
16 17 18 19 20 21 22 23 24
15
FA1
2
FA1
3
FA1
1
FA1
6
FA1
5
FA1
4
FA1
7
FA1
8
FA2
2
FA2
3
FA2
1
FA2
6
FA2
5
FA2
4
FA2
7
FA2
8
EM
2
EM
3
EM
1
EM
5
EM
4
TOHSOF
TOHEN
8.3.3 DS3/E3 Serial Data Interface
8.3.3.1
DS3/E3 SCT Mode Transmit Serial Interface Pin Functional Timing
The TSERn pin is used to input DS3 or E3 payload data bits in all framing modes as well as the C-bits, which can
be treated as payload, in DS3 M23 and E3 G.751 framing modes. The TDENn signal is used to determine the DS3
or E3 payload bit positions on TSERn. The TDENn signal goes high three clocks before the first bit of a payload
sequence is clocked into the TSERn pin and it goes low three clocks before the payload sequence is stopped
being clocked in to the TSERn pin. The TSOFOn signal pulses high three clocks before the start of the DS3 or E3
overhead bit position on TSERn. The TSOFIn pin is used to set the DS3 or E3 frame position. When the TSOFIn
pin transitions low to high, the first DS3/E3 overhead bit position on TSERn will be forced to align to it
Figure 8-13 to Figure 8-15 show the relationship between the SCT transmit port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com