Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 33Page - Dallas Semiconductor DS3173N Datasheet HTML 34Page - Dallas Semiconductor DS3173N Datasheet HTML 35Page - Dallas Semiconductor DS3173N Datasheet HTML 36Page - Dallas Semiconductor DS3173N Datasheet HTML 37Page - Dallas Semiconductor DS3173N Datasheet HTML 38Page - Dallas Semiconductor DS3173N Datasheet HTML 39Page - Dallas Semiconductor DS3173N Datasheet HTML 40Page - Dallas Semiconductor DS3173N Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
37 of 230
Figure 8-2. TX Line IO HDB3 Functional Timing Diagram
TLCLK
TPOS
TNEG
(TX DATA)
HDB3 CODEWORD
(TX LINE)
+
-
TXP
TXN
V
V
B
B
BV
BV
0 V
BIAS V
8.3.1.2
B3ZS/HDB3/AMI Mode Receive Pin Functional Timing
There is no suggested time alignment between the RXPn, RXNn and RX LINE signals and the RLCLKn clock
signal. The RX DATA signal is not an always readily available signal, it is meant to represent the data value of the
other signals. The signal on RSERn will be the same as the RX DATA signal except delayed.
The RXPn and RXNn pins are only available when the line is in B3ZS/HDB3 or AMI mode and the LIU is enabled.
The RPOSn, RNEGn and RLCLKn pins are only available when the line is in B3ZS/HDB3 or AMI mode and the LIU
is disabled.
The RPOSn and RNEGn signals are sampled at the rising edge of the reference clock signal if the clock pin is not
inverted; otherwise they are sampled at the negative edge. The RLCLKn clock pin is the clock reference used for
the RPOSn and RNEGn signals. The RPOSn and RNEGn pins can be inverted.
RXPn and RXNn are differential analog input pins. They are biased around ½ VDD and pulse above and below the
bias voltage by about 1 Volt with zero cable length. These signals are connected to the windings of a 1:2 step up
transformer and the other winding of the transformer is connected to the RX LINE signal. The RX LINE signal is a
bipolar signal that pulses about 1 Volt positive and 1 Volt negative above and below ground (0 volts) with zero
cable length. See Figure 1-1 for a diagram of the external connections.
Figure 8-3 and Figure 8-4 show the relationship between the analog and the digital outputs.
Figure 8-3. RX Line IO B3ZS Functional Timing Diagram
RLCLK
RPOS
RNEG
(RX DATA)
B3ZS CODEWORD
(RX LINE)
+
-
RXP
RXN
V
V
B
B
B
V
BV
0 V
BIAS V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com