Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 34Page - Dallas Semiconductor DS3173N Datasheet HTML 35Page - Dallas Semiconductor DS3173N Datasheet HTML 36Page - Dallas Semiconductor DS3173N Datasheet HTML 37Page - Dallas Semiconductor DS3173N Datasheet HTML 38Page - Dallas Semiconductor DS3173N Datasheet HTML 39Page - Dallas Semiconductor DS3173N Datasheet HTML 40Page - Dallas Semiconductor DS3173N Datasheet HTML 41Page - Dallas Semiconductor DS3173N Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
38 of 230
Figure 8-4. RX Line IO HDB3 Functional Timing Diagram
RLCLK
RPOS
RNEG
(RX DATA)
HDB3 CODEWORD
(RX LINE)
+
-
RXP
RXN
V
V
B
B
BV
BV
0 V
BIAS V
8.3.1.3
UNI Mode Transmit Pin Functional Timing
The TDATn pin is available when the line interface is in the UNI mode and the transmit line pins are enabled
The TDATn signal changes a small delay after the positive edge of the reference clock signal if the clock pin is not
inverted, other wise they change after the negative edge. The TLCLKn clock pin is the clock reference typically
used for the TDATn signal, but the TDATn can be time referenced to the TCLKIn, TCLKOn, RLCLKn or RCLKOn
clock pins. The TDATn pins can be inverted. See Figure 8-5.
Figure 8-5. TX Line IO UNI Functional Timing Diagram
8.3.1.4
UNI Mode Receive Pin Functional Timing
The RDATn pin is available when the line interface is in the UNI mode. The RLCVn pin is available when the line
interface is in the UNI
All bits on the RDATn pin, will come out the RSERn pin, if the RSERn pin is enabled.
The signal on the RLCVn pin enables the BPV counter, which is in the line interface, to increment each clock it is
high.
The RDATn and RLCVn signals are sampled at the rising edge of the reference clock signal if the clock pin is not
inverted; otherwise they are sampled at the negative edge. The RLCLKn clock pin is the clock reference used for
the RDATn and RLCVn signals. The RDATn and RLCVn pins can be inverted. See Figure 8-6.
TLCLK
TDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com