Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 19Page - Dallas Semiconductor DS3173N Datasheet HTML 20Page - Dallas Semiconductor DS3173N Datasheet HTML 21Page - Dallas Semiconductor DS3173N Datasheet HTML 22Page - Dallas Semiconductor DS3173N Datasheet HTML 23Page - Dallas Semiconductor DS3173N Datasheet HTML 24Page - Dallas Semiconductor DS3173N Datasheet HTML 25Page - Dallas Semiconductor DS3173N Datasheet HTML 26Page - Dallas Semiconductor DS3173N Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
23 of 230
7.2 HDB3/B3ZS/AMI Non-LIU Line Interface Mode
The Non-LIU Line Interface Mode disables the LIU and a digital representation of AMI is output/input on the
TPOSn/TNEGn signals and the RPOSn/RNEGn signals. Selection between AMI and HDB3/B3ZS is made via the
LINE.TCR Register. HDB3 and B3ZS selection is controlled by the configuration selected by the FM bits. The DS3
modes select the B3ZS line code while the E3 modes select the HDB3 line code.
Table 7-2. HDB3/B3ZS/AMI Non-LIU Mode Configuration Registers
MODE
LM[2:0]
LINE.TCR.TZSD &
LINE.RCR.RZSD
TLEN
PORT.CR2
LIU Off, B3ZS or HDB3
000
0
1
LIU Off, AMI
000
1
1
Figure 7-2. HDB3/B3ZS/AMI Non-LIU Line Interface Mode
n = port # (1-4)
TAIS
TUA1
Clock Rate
Adapter
B3ZS/
HDB3
Encoder
B3ZS/
HDB3
Decoder
FROM FRAMING LOGIC
OR EXTERNAL PINS
TO FRAMING LOGIC
OR EXTERNAL PINS
TPOSn
TNEGn
TLCLKn
RLCLKn
RPOSn
RNEGn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com