Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 65 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 65 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 61Page - Dallas Semiconductor DS3173N Datasheet HTML 62Page - Dallas Semiconductor DS3173N Datasheet HTML 63Page - Dallas Semiconductor DS3173N Datasheet HTML 64Page - Dallas Semiconductor DS3173N Datasheet HTML 65Page - Dallas Semiconductor DS3173N Datasheet HTML 66Page - Dallas Semiconductor DS3173N Datasheet HTML 67Page - Dallas Semiconductor DS3173N Datasheet HTML 68Page - Dallas Semiconductor DS3173N Datasheet HTML 69Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
65 of 231
Table 10-12. Global 8 kHz Reference Source Table
GL.CR2.
G8KIS
GL.CR2.
G8KRS[2:0]
Source
0
000
None, the 8KHZ divider is disabled.
0
001
Derived from CLAD DS3 clock output or CLKA pin if CLAD
is disabled. (Note: CLAD is disabled after reset)
0
010
Derived from CLAD E3 clock output or CLKB pin if CLAD is
disabled
0
011
Derived from CLAD STS-1 clock output or CLKC pin if CLAD
is disabled
0
100
Port 1 8KREF source selected by P8KRS[1:0]
0
101
Port 2 8KREF source selected by P8KRS[1:0]
0
110
Port 3 8KREF source selected by P8KRS[1:0]
0
111
Port 4 8KREF source selected by P8KRS[1:0]
1
XXX
GPIO4 pin
Table 10-13 lists the selectable sources for port 8 kHz reference sources.
Table 10-13. Port 8 kHz Reference Source Table
PORT.CR3.P8KRS[1:0]
Source
0X
Undefined
10
Internal receive framer clock
11
Internal transmit framer clock
The 8 kHz reference logic tree is shown below.
Figure 10-7. 8KREF Logic
0
1
CLOCK DIVIDER
0
1
CLOCK DIVIDER
0
1
1
3
2
1
3
2
0
TX CLOCK
RX CLOCK
FRAME MODE
P8KRS
GPIO4
OTHER
PORT
8KREF
DS3 CLK
E3 CLK
CC52 CLK
FROM CLAD
G8KRS[1:0]
G8KRS[1:0]
G8KRS[2]
G8KREF
GLOBAL 8KREF
PORT 8KREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com