Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 62 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 62 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 58Page - Dallas Semiconductor DS3173N Datasheet HTML 59Page - Dallas Semiconductor DS3173N Datasheet HTML 60Page - Dallas Semiconductor DS3173N Datasheet HTML 61Page - Dallas Semiconductor DS3173N Datasheet HTML 62Page - Dallas Semiconductor DS3173N Datasheet HTML 63Page - Dallas Semiconductor DS3173N Datasheet HTML 64Page - Dallas Semiconductor DS3173N Datasheet HTML 65Page - Dallas Semiconductor DS3173N Datasheet HTML 66Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
62 of 231
Table 10-10. Reset and Power-Down Sources
Register bit states - F0: Forced to 0, F1: Forced to 1, 0: Set to 0, 1: Set to 1, X: Don’t care
Forced: Internally controlled
Set: User controlled
PIN
REGISTER BITS
INTERNAL SIGNALS
0
F0
F1
F0
F1
F1
1
1
1
1
1
1
1
F1
F0
F1
F1
1
1
1
1
1
1
0
1
1
F1
F1
0
1
1
1
1
1
0
1
0
X
1
0
1
0
1
1
1
0
1
0
X
0
0
1
0
1
0
1
0
0
1
F1
F1
0
0
1
1
1
1
0
0
0
1
1
0
0
0
1
1
1
0
0
0
1
0
0
0
0
1
0
1
0
0
0
0
1
0
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
The reset signals in the device are asynchronous so they no not require a clock to put the logic into the reset state.
Clock signals may be needed to make the logic come out of the reset state.
The power-down function disables the appropriate clocks to cause the logic to generate a minimum of power. It
also puts the LIU circuits into the power-down mode. The 8KREF and ONESEC circuits can be powered down by
disabling the 8KREF source. The CLAD can also be powered down by disabling it.
After a global reset, all of the control and status registers in all ports are set to their default values and all the other
flops are reset to their reset values. The global register GL.CR1.RSTDP, and the port register PORT.CR1.RSTDP
and PORT.CR1.PD bits in all ports, are set after the global reset. A valid initialization sequence would be to clear
the PORT.CR1.PD bits in the ports that are to be active, write to all of the configuration registers to set them in the
desired modes, then clear the GL.CR1.RSTDP and PORT.CR1.RSTDP bits. This would cause the logic in the
ports to start up in a repeatable sequence. The device can also be initialized by clearing the GL.CR1.RSTDP,
PORT.CR1.RSTDP and PORT.CR1.PD them writing to all of the configuration registers to set them in the desired
modes, and clearing all of the latched status bits. The second initialization scheme could cause the device to
temporarily go into modes of operation that were not requested, but will quickly go into the requested modes of
operation.
Some of the IO pins are put in a known state at reset. The transmit LIU outputs TXPn and TXNn are quiet and will
not drive positive or negative pulses. The global IO pins (GPIO[7:0]) are set as inputs at global reset. The port
output pins (TLCLKn, TPOSn/TDATn, TNEGn, TOHCLKn, TOHSOFn, TSOFOn/TDENn, TCLKOn/TGCLKn,
ROHn, ROHCLKn, ROHSOFn, RSERn, RSOFOn/RDENn, RCLKOn/RGCLKn) are driven low at global or port
reset and should stay low until after the port power-down PORT.CR1.PD and port data path reset
PORT.CR1.RSTDP bits are cleared. The CLAD clock pins CLKA, CLKB and CLKC are the LIU reference clock
inputs at global reset. The processor port tri-state output pins (D[15:0],
RDY, INT) are forced into the high
impedance state when the
RST pin is active, but not when the GL.CR1.RST bit is active.
After reset, the device will be in the default configuration:: The latched status bits are enabled to be cleared on
write. The CLAD is disabled. The global 8KREF and one-second timers are disabled. The line interface is in B3ZS
mode and the LIU is disabled and the transmit line pins are also disabled. The frame mode is DS3 C-bit with
automatic downstream AIS on LOS or OOF is enabled and automatic RDI on LOF, LOS, SEF or AIS is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com