Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 72 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 72 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 68Page - Dallas Semiconductor DS3173N Datasheet HTML 69Page - Dallas Semiconductor DS3173N Datasheet HTML 70Page - Dallas Semiconductor DS3173N Datasheet HTML 71Page - Dallas Semiconductor DS3173N Datasheet HTML 72Page - Dallas Semiconductor DS3173N Datasheet HTML 73Page - Dallas Semiconductor DS3173N Datasheet HTML 74Page - Dallas Semiconductor DS3173N Datasheet HTML 75Page - Dallas Semiconductor DS3173N Datasheet HTML 76Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
72 of 231
be framing errors if a framed mode is enabled. When the DS3 framed AIS signal is initiated or terminated, in
addition to no BPV or CV errors, there should be no framing or P-bit (parity) or CP-bit errors introduced.
The AIS signal generated at the top level will not generate BPV errors but may generate P-bit and CP-bit errors
when the signal is initiated and terminated. The framed DS3 AIS signal will not cause the far end receiver to re-
sync when the signal is initiated, but it may cause a re-sync when terminated if the DS3 frame position in the
framer is changed while the DS3 AIS signal is being generated. A sequence of events can be executed which will
enable the initiation and termination of DS3 AIS or unframed all ones at the top level without any errors introduced.
The sequence will only work when the automatic AIS generation is not enabled. CV and P-bit errors can occur
when AIS is automatically generated and cannot be avoided. This sequence to generate an error free DS# AIS at
the top level is to have the DS3 AIS or unframed all ones signal initiate in the DS3 framer, and a few frames sent
before initiating or terminating the DS3 AIS or unframed all ones at the top level. After the top level AIS signal is
activated, the AIS signal in the framer can be terminated, DLB activated and diagnostic patterns generated. The
DS3 AIS signal generated at the top level will not change frame alignment after starting even if the DS3 frame
position in the framer is changed.
The transmit line AIS generator at the top level can generate AIS signals even when the framer is looped back
using DLB, but not when the line is looped back using LLB. The AIS signal generated in the framer will be looped
back to the receive side when DLB is activated.
The receive framer can detect both unframed all ones AIS and DS3 framed AIS patterns. When in DS3 framing
modes, both framed DS3 AIS and unframed all ones can be detected. In E3 framing modes E3 AIS, which is
unframed all ones, is detected.
The receive payload interface going to the RSERn pin or the BERT logic can have an unframed all ones AIS signal
replacing the receive signal, this is called Payload AIS. The all ones AIS signal is generated from either the DS3/E3
framer or the downstream top level unframed all ones AIS generator. The unframed all ones AIS signal generated
in the framer will be looped back to the transmit side when PLB is activated. The unframed all ones AIS signal
generated at the top level will be sent to the RSERn pin and other receive logic, but not to the transmit side while
PLB is activated. The top level AIS generator is used when a downstream AIS signal is desired while payload loop
back is activated and is enabled by default after rest and must be cleared during configuration. Note that the
downstream AIS circuit in the framer, when a DS3 mode is selected, enforces the OOF to be active for 2.5 ms
before activating when automatic AIS in the framer is enabled. The top level downstream AIS will be generated
with no delay when OOF is detected when automatic AIS at the top level is enabled.
There is no detection of any AIS signal on the transmit payload signal from the TSERn pin or anywhere on the
transmit data path.
The transmit AIS generator at the top level can also be activated with a software bit or automatically when DLB is
activated. The receive AIS generator in the framer can be activated with a software bit, and automatically when
AIS, LOS or OOF are detected. The receive payload AIS generator at the top level can be activated with a software
bit or automatically when LOS, DS3/E3 OOF, LLB or PLB is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com