Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 10Page - Dallas Semiconductor DS3173N Datasheet HTML 11Page - Dallas Semiconductor DS3173N Datasheet HTML 12Page - Dallas Semiconductor DS3173N Datasheet HTML 13Page - Dallas Semiconductor DS3173N Datasheet HTML 14Page - Dallas Semiconductor DS3173N Datasheet HTML 15Page - Dallas Semiconductor DS3173N Datasheet HTML 16Page - Dallas Semiconductor DS3173N Datasheet HTML 17Page - Dallas Semiconductor DS3173N Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
14 of 230
·
FEAC port for DS3 FEAC channel can be configured to send one codeword, one codeword continuously, or
two different codewords back-to-back to send DS3 Line Loopback commands
·
16-byte Trail Trace Buffer port for the G.832 trail access point identifier
·
Insertion of G.832 payload type, and timing marker bits from registers
·
DS3 M23 C bits configurable as payload or overhead, as overhead they can be controlled from registers or the
transmit overhead port
·
Most framing overhead fields can be sourced from transmit overhead port
·
Formatter bypass mode for clear channel or externally defined format applications
3.5 Transmit DS3/E3 LIU Features
·
Wide 50+20% transmit clock duty cycle
·
Line Build-Out (LBO) control
·
Tri-state line driver outputs support protection switching applications
·
Per-channel power-down control
·
Output driver monitor status indication
3.6 Jitter Attenuator Features
·
Fully integrated and requiring no external components
·
Can be placed in transmit or receive path
·
FIFO depth of 16 bits
·
Standard compliant transmission jitter and wander
3.7 Clock Rate Adapter Features
·
Generation of the internally needed DS3 (44.736 MHz) and E3 (34.368 MHz) clocks a from single input
reference clock
·
Input reference clock can be 51.84 MHz, 44.736MHz or 34.368 MHz
·
Internally derived clocks can be used as references for LIU and jitter attenuator
·
Derived clocks can be transmitted off-chip for external system use
·
Standards compliant jitter and wander requirements.
3.8 HDLC Overhead Controller Features
·
Each port has a dedicated HDLC controller for DS3/E3 framer link management
·
256-byte receive and transmit FIFOs
·
Handles all of the normal Layer 2 tasks including zero stuffing/de-stuffing, FCS generation/checking, abort
generation/checking, flag generation/detection, and byte alignment
·
Programmable high and low water marks for the transmit and receive FIFOs
·
Terminates the Path Maintenance Data Link in DS3 C-bit Parity mode and optionally the G.751 Sn bit or the
G.832 NR or GC channels
·
RX data is forced to all ones during LOS, LOF and AIS detection to eliminate false packets
3.9 FEAC Controller Features
·
Each port has a dedicated FEAC controller for DS3/E3 link management
·
Designed to handle multiple FEAC codewords without Host intervention
·
Receive FEAC automatically validates incoming codewords and stores them in a 4-byte FIFO
·
Transmit FEAC can be configured to send one codeword, one codeword continuously, or two different
codewords back-to-back to send DS3 Line Loopback commands
·
Terminates the FEAC channel in DS3 C-Bit Parity mode and optionally the Sn bit in E3 mode
3.10 Trail Trace Buffer Features
·
Each port has a dedicated Trail Trace Buffer for E3-G.832 link management
·
Extraction and storage of the incoming G.832 trail access point identifier in a 16-byte receive register
·
Insertion of the outgoing trail access point identifier from a 16-byte transmit register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com