| Electronic Components Datasheet Search |
|
DS3173N Datasheet(PDF) 86 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3173N Datasheet(HTML) 86 Page - Dallas Semiconductor |
|
86 / 232 page ![]() DS3171/DS3172/DS3173/DS3174 86 of 231 FX1, FX2, FX3, and FX4 bits are overwritten with the values one, zero, zero, and one (1001) respectively. X1 and X2 are overwritten with 11. P1, P2, C31, C32, and C33 are overwritten with the calculated payload parity from the previous output DS3 frame. And, CX1, CX2, and CX3 (X ¹ 3) are overwritten with 000. AIS will overwrite a transmit Idle signal. 10.6.5.5.1 Receive C-bit DS3 Frame Format The DS3 frame format is shown in Figure 10-14. X1 and X2 are the Remote Defect Indication (RDI) bits (also referred to as the far-end SEF/AIS bits). P1 and P2 are the parity bits used for line error monitoring. M1, M2, and M3 are the multiframe alignment bits that define the multiframe boundary. FXY are the subframe alignment bits that define the subframe boundary. Note: Both the M-bits and F-bits define the DS3 frame boundary. C11 is the Application Identification Channel (AIC). C12 is reserved for future network use, and has a value of one. C13 is the Far-End Alarm and Control (FEAC) signal. C21, C22, and C23 are unused, and have a value of one. C31, C32, and C33 are the C-bit parity bits used for path error monitoring. C41, C42, and C43 are the Far-End Block Error (FEBE) bits used for remote path error monitoring. C51, C52, and C53 are the path maintenance data link (or HDLC) bits. C61, C62, and C63 are unused, and have a value of one. C71, C72, and C73 are unused, and have a value of one. 10.6.5.5.2 Receive C-bit DS3 Overhead Extraction Overhead extraction extracts all of the DS3 overhead bits from the C-bit DS3 frame. All of the DS3 overhead bits X1, X2, P1, P2, MX, FXY, and CXY are output on the receive overhead interface (ROH, ROHSOF, and ROHCLK). The P1, P2, C31, C32, and C33 bits are output as an error indication (modulo 2 addition of the calculated parity and the bit). The C13 bit is sent over to the receive FEAC controller. The C51, C52, and C53 bits are sent to the receive HDLC overhead controller. 10.6.6 M23 DS3 Framer/Formatter 10.6.6.1 Transmit M23 DS3 Frame Processor The M23 DS3 frame format is shown in Figure 10-14. Table 10-28 defines the framing bits for M23 DS3. X1 and X2 are the Remote Defect Indication (RDI) bits (also referred to as the far-end SEF/AIS bits). P1 and P2 are the parity bits used for line error monitoring. M1, M2, and M3 are the multiframe alignment bits. FXY are the subframe alignment bits. C11 is the Application Identification Channel (AIC). CX1, CX2, and CX3 are the stuff control bits for tributary #X. The X-bit, P-bit, M-bit, C-bit, and F-bit positions are overhead bits, and the remainder of the bit positions in the T3 frame are payload bits regardless of how they are marked by TDEN. Table 10-28. M23 DS3 Frame Overhead Bit Definitions Bit Definition X1, X2 Remote Defect Indication (RDI) P1, P2 Parity Bits M1, M2, and M3 Multiframe Alignment Bits FXY Subframe Alignment Bits C11 Application Identification Channel (AIC) CX1, CX2, and CX3 Stuff Control Bits for Tributary #X 10.6.6.2 Transmit M23 DS3 Frame Generation M23 DS3 frame generation receives the incoming payload data stream, and overwrites all of the DS3 overhead bit locations. The multiframe alignment bits (M1, M2, and M3) are overwritten with the values zero, one, and zero (010) respectively. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |