Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 31Page - Dallas Semiconductor DS3173N Datasheet HTML 32Page - Dallas Semiconductor DS3173N Datasheet HTML 33Page - Dallas Semiconductor DS3173N Datasheet HTML 34Page - Dallas Semiconductor DS3173N Datasheet HTML 35Page - Dallas Semiconductor DS3173N Datasheet HTML 36Page - Dallas Semiconductor DS3173N Datasheet HTML 37Page - Dallas Semiconductor DS3173N Datasheet HTML 38Page - Dallas Semiconductor DS3173N Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
35 of 230
PIN NAME
TYPE
PIN DESCRIPTION
JTMS
Ipu
JTAG Mode Select (with pull-up)
JTMS: This input signal is used to control the JTAG controller state machine and is
sampled on the rising edge of JTCLK.
JTDI
Ipu
JTAG Data Input (with pull-up)
JTDI: This input signal is used to input data into the register that is enabled by the
JTAG controller state machine and is sampled on the rising edge of JTCLK.
JTDO
Oz
JTAG Data Output
JTDO: This output signal is the output of an internal scan shift register enabled by the
JTAG controller state machine and is updated on the falling edge of JTCLK. The pin
is in the high impedance mode when a register is not selected or when the
JTRST
signal is high. The pin goes into and exits the high impedance mode after the falling
edge of JTCLK
JTRST
Ipu
JTAG Reset (active low with pullup)
JTRST: This input forces the JTAG controller logic into the reset state and forces the
JTDO pin into high impedance when low. This pin should be low while power is
applied and set high after the power is stable. The pin can be driven high or low for
normal operation, but must be high for JTAG operation.
CLAD
CLKA
I
Clock A
CLKA: This clock input is a DS3 signal(44.736MHz +/-20ppm) when the CLAD is
disabled or it is one of the CLAD reference clock signals when the CLAD is enabled.
CLKB
IO
Clock B
CLKB: This pin is a E3(34.368 MHz +/-20 ppm) input signal when the CLAD is
disabled or it can be enabled to output a generated clock when the CLAD is enabled.
The pin is driven low when it is not selected to output a clock signal and the CLAD is
enabled. Refer to Table 10-11.
CLKC
IO
Clock C
CLKC: This pin is a STS-1 (51.84 MHz +/-20ppm) input signal when the CLAD is
disabled or it can be enabled to output a generated clock when the CLAD is enabled.
The pin is driven low when it is not selected to output a clock signal and the CLAD is
enabled. Refer to Table 10-11.
POWER
VSS
PWR
Ground, 0 Volt potential
Common to digital core, digital IO and all analog circuits
VDD
PWR
Digital 3.3V
Common to digital core and digital IO
AVDDRn
PWR
Analog 3.3V for receive LIU on port n
Powers receive LIU on port n
AVDDTn
PWR
Analog 3.3V for transmit LIU on port n
Powers transmit LIU on port n
AVDDJn
PWR
Analog 3.3V for jitter attenuator on port n
Powers jitter attenuator on port n
AVDDC
PWR
Analog 3.3V for CLAD
Powers clock rate adapter common to all ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com