Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 63 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 63 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 59Page - Dallas Semiconductor DS3173N Datasheet HTML 60Page - Dallas Semiconductor DS3173N Datasheet HTML 61Page - Dallas Semiconductor DS3173N Datasheet HTML 62Page - Dallas Semiconductor DS3173N Datasheet HTML 63Page - Dallas Semiconductor DS3173N Datasheet HTML 64Page - Dallas Semiconductor DS3173N Datasheet HTML 65Page - Dallas Semiconductor DS3173N Datasheet HTML 66Page - Dallas Semiconductor DS3173N Datasheet HTML 67Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
63 of 231
and automatic FEBE is enabled. Transmit clock comes from the CLAD CLKA pin. The pin inversion on all pins is
disabled.
Individual blocks are reset and powered down when not used determined by the settings in the line mode bits
PORT.CR2.LM[2:0] and framer mode bits PORT.CR2.FM[2:0].
10.4 Global Resources
10.4.1 Clock Rate Adapter (CLAD)
The clock rate adapter is used to create multiple clocks for LIU reference clocks or transmit clocks from a single
clock reference input on the CLKA pin. The clock frequency applied to this pin must be at the DS3 (44.736 MHz),
E3 (34.368 MHz) and STS-1 (51.84 MHz) clock rates. Given one of these clocks the other two clocks will be
generated. The internally generated signals can be driven on output pins (CLKB and CLKC) for external use.
The receive LIU is supplied a reference clock from the CLAD. The receive LIU selects the clock frequency based
upon the mode the user selects via the FM bits. The CLAD output is also available as a transmit clock source if
selected via the PORT.CR2.CLADC register bit.
The user must supply at least one of the three rates (DS3, E3, STS-1) to the CLKA pin. The CLAD[3:0] bits inform
the PLL of the frequency applied to the pins. Selection of the output clock of the CLAD applied to the LIU and
optionally the transmitter is controlled by the FM bits (located in PORT.CR2). The CLAD allows maximum flexibility
to the user. The user may supply any of the three clock rates and use the CLAD to convert the rate to the particular
clock rate needed for his application.
Figure 10-6. CLAD Block
CLKA
CLKB
CLKC
DS3 clock
E3 clock
CC52 clock
CLAD
CLAD MODE
The clock rate adapter can also be disabled and all three clocks supplied externally using the CLKA, CLKB and
CLKC pins as clock inputs. When the CLAD is disabled, the three reference clocks DS3, E3 and STS-1 will need to
be applied to the CLKA, CLKB and CLKC pins, respectively. If any of the three frequencies is not required, it does
not need to be applied to the CLAD CLK pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com