Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 64 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 64 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 60Page - Dallas Semiconductor DS3173N Datasheet HTML 61Page - Dallas Semiconductor DS3173N Datasheet HTML 62Page - Dallas Semiconductor DS3173N Datasheet HTML 63Page - Dallas Semiconductor DS3173N Datasheet HTML 64Page - Dallas Semiconductor DS3173N Datasheet HTML 65Page - Dallas Semiconductor DS3173N Datasheet HTML 66Page - Dallas Semiconductor DS3173N Datasheet HTML 67Page - Dallas Semiconductor DS3173N Datasheet HTML 68Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
64 of 231
The CLAD MODE inputs to the clock rate adapter are composed of CLAD[3:0] control bits (located in the GL.CR2
Register) which determines which pins are input and output and which clock rate is on which pin. When
CLAD[3:0]=00XX, the PLL circuits are disabled and the signals on the input clock pins are used as the internal LIU
reference clocks. When CLAD[3:0]=(01XX or 10XX or 11XX), none, one or two PLL circuits are enabled to
generate the required clocks as determined by the CLAD[3:0] bits and the framing mode (FM[2:0]) and the line
mode (LM[2:0]) control bits. If a clock rate is not required on the CLAD output clock pins or for a reference clock for
any of the LIU, then the PLL used to generate that clock is disabled and powered down.
For example, in a design that only has the ports running at DS3 rates, then CLAD[3:0] can be set = 0100 and the
DS3 clock signal on the CLKA pin will be used as the DS3 LIU reference clock and no PLL circuit will be disabled.
Table 10-11. CLAD IO Pin Decode
GL.CR2.
CLAD[3:0]
CLKA PIN
CLKB PIN
CLKC PIN
00 XX
DS3 clock input
E3 clock input
STS-1 clock input
01 00
DS3 clock input
Low output
Low output
01 01
DS3 clock input
E3 clock output
Low output
01 10
DS3 clock input
Low output
STS-1 clock output
01 11
DS3 clock input
STS-1 clock output
E3 clock output
10 00
E3 clock input
Low output
Low output
10 01
E3 clock input
DS3 clock output
Low output
10 10
E3 clock input
Low output
STS-1 clock output
10 11
E3 clock input
STS-1 clock output
DS3 clock output
11 00
STS-1 clock input
Low output
Low output
11 01
STS-1 clock input
E3 output
Low output
11 10
STS-1 clock input
Low output
DS3 clock output
11 11
STS-1 clock input
DS3 clock output
E3 clock output
10.4.2 8 kHz Reference Generation
The global 8KREF signal is used to generate the one-second-reference signal by dividing it by 8000. This signal
can be derived from almost any clock source on the chip as well as the general-purpose IO pin GPIO4. The port
8KREF signal can be sourced from either the global 8KREF signal or from the transmit or receive port clock or from
the receive 8KREF signal. The minimum input frequency stability of the 8KREF input pin is +/- 500 ppm.
The global 8KREF signal can come from an external 8000 Hz reference connected to the GPIO4 general-purpose
IO pin by setting the GL.CR2.G8KIS bit. The global 8KREF signal can be output on the GPIO2 general-purpose IO
pin when the GL.CR2.G8KOS bit is set.
The global 8KREF signal can be derived from the CLAD PLL or pins or come from any of the port 8KREF signals
by clearing GL.CR2.G8KIS bit and selecting the source using the GL.CR2.G8KRS[2:0] bits.
The port 8KREF signal can be derived from the transmit clock input pin or from the receive LIU or input clock pin.
The PORT.CR3.P8KRS[1:0] bits are used to select which source.
The 8KREF 8.000 kHz signal is a simple divisor of 44736 kHz (DS3 divided by 5592) or 33368 kHz (E3 divided by
4296). The correct divisor for the port 8KREF source is selected by the mode the port is configured for. The CLAD
clock chosen for the clock source selects the correct divisor for the global 8KREF. The 8KREF signal is only as
accurate as the clock source chosen to generate it.
Table 10-12 lists the selectable sources for global 8 kHz reference sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com