Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 89 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 89 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 85Page - Dallas Semiconductor DS3173N Datasheet HTML 86Page - Dallas Semiconductor DS3173N Datasheet HTML 87Page - Dallas Semiconductor DS3173N Datasheet HTML 88Page - Dallas Semiconductor DS3173N Datasheet HTML 89Page - Dallas Semiconductor DS3173N Datasheet HTML 90Page - Dallas Semiconductor DS3173N Datasheet HTML 91Page - Dallas Semiconductor DS3173N Datasheet HTML 92Page - Dallas Semiconductor DS3173N Datasheet HTML 93Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
89 of 231
of the indicated alarm conditions is present, and set to zero when all of the indicated alarm conditions are absent.
Automatically setting RDI on LOS, LOF, or AIS is individually programmable (on or off).
The twelfth bit of the frame is overwritten with the national use (N) bit. The N bit can be sourced from the transmit
FEAC controller, sourced from the transmit HDLC overhead controller, set to one, or set to zero. The N bit source
is programmable (FEAC, HDLC, 1, or 0). Note: The FEAC controller will source one bit per frame regardless of
whether the A bit only, the N bit only, or both are programmed to be sourced from the FEAC controller.
Once all of the E3 overhead bits have been overwritten, the data stream is passed on to error insertion. If frame
generation is disabled, the incoming E3 signal is passed on directly to error insertion. Frame generation is
programmable (on or off).
10.6.7.3 Transmit G.751 E3 Error Insertion
Error insertion inserts framing errors into the frame alignment signal (FAS). The type of error(s) inserted into the
FAS is programmable (errored FAS bit or errored FAS). An errored FAS bit is a single bit error in the FAS. An
errored FAS is an error in all ten bits of the FAS (a value of 0000101111b is inserted in the FAS). Framing error(s)
can be inserted one error at a time, or in four consecutive frames. The framing error insertion number (single or
four) is programmable.
Single error insertion mode inserts an error at the next opportunity when requested. The multi-error insertion mode
inserts the indicated number of errors at the next opportunities when requested, i.e., a single request will cause
multiple errors to be inserted. The requests can be initiated by a register bit(TSEI) or by the manual error insertion
input (TMEI). The error insertion initiation type (register or input) is programmable. The insertion of each particular
error type is individually enabled.
Once all error insertion has been performed, the data stream is passed on to overhead insertion.
10.6.7.4 Transmit G.751 E3 Overhead Insertion
Overhead insertion can insert any (or all) of the E3 overhead bits into the E3 frame. The FAS, A bit, and N bit can
be sourced from the transmit overhead interface (TOHCLK, TOH, TOHEN, and TOHSOF). The E3 overhead
insertion is fully controlled by the transmit overhead interface. If the transmit overhead data enable signal (TOHEN)
is driven high, then the bit on the transmit overhead signal (TOH) is inserted into the output data stream. Insertion
of bits using the TOH signal overwrites internal overhead insertion.
10.6.7.5 Transmit G.751 E3 AIS Generation
G.751 E3 AIS generation overwrites the data stream with AIS. If transmit AIS is enabled, the data stream (payload
and E3 overhead) is forced to all ones.
10.6.7.6 Receive G.751 E3 Frame Processor
The G.751 E3 frame format is shown in Figure 10-17. FAS is the Frame Alignment Signal. A is the Alarm indication
bit used to indicate the presence of an alarm to the remote terminal equipment. N is the National use bit reserved
for national use.
10.6.7.6.1 Receive G.751 E3 Framing
G.751 E3 framing determines the G.751 E3 frame boundary. The frame boundary is found by identifying the frame
alignment signal (FAS), which has a value of 1111010000b. The framer is an off-line framer that updates the data
path frame counters when an out of frame (OOF) condition has been detected. The use of an off-line framer
reduces the average time required to reframe, and reduces data loss caused by burst error. The G.751 E3 framer
checks each bit position for the FAS. The frame boundary is set once the FAS is identified. Since, the FAS check is
performed one bit at a time, up to 1536 checks may be needed to find the frame boundary. The data path frame
counters are updated if an error free FAS is received for two additional frames, and an OOF condition is present, or
if a manual frame resynchronization has been initiated.
10.6.7.6.2 Receive G.751 E3 Performance Monitoring
Performance monitoring checks the E3 frame for alarm conditions. The alarm conditions detected are OOF, LOF,
COFA, LOS, AIS, RUA1, and RAI. An Out Of Frame (OOF) condition is declared when four consecutive frame
alignment signals (FAS) contain one or more errors or at the next FAS check when a manual reframe is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com