| Electronic Components Datasheet Search |
|
DS3173N Datasheet(PDF) 52 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3173N Datasheet(HTML) 52 Page - Dallas Semiconductor |
|
52 / 232 page ![]() DS3171/DS3172/DS3173/DS3174 52 of 230 Figure 10-1. Interrupt Structure GL.ISR.PISRn PORT.ISR bit SRL bit SRL bit SRL bit SRIE bit SRIE bit SRIE bit BLOCK LATCHED STATUS and INTERRUPT ENABLE REGISTERS PORT INTERRUPT STATUS REGISTER GLOBAL INTERRUPT STATUS REGISTER and INTERRUPT ENABLE REGISTER GL.ISRIE. PISRIEn INT PORT INTERRUPTS GLOBAL INTERRUPTS Figure 10-1 not only tells the user how to determine which event caused the interrupt, it also tells the user how to enable a particular interrupt. Each block has a Status Register Interrupt Enable register that must be set in order to enable an interrupt. The next step is to unmask the interrupt at the port level, on a per port basis. This is controlled in the Global Interrupt Status Register Interrupt Enable register (GL.ISRIE). Now the device is ready to drive the INT pin low when a particular status bit gets set. For example, in order to enable DS3 Out of Frame interrupts on Port 2, the following registers would need to be written: Register bit Address Value Written Note T3.RSRIE1.OOFIE 0x2BC 0x0002 Unmask OOF interrupt on Port 2 GL.ISRIE.PISRIE2 0x010 0x0020 Unmask Port 2 interrupts The following status registers bits will be set upon reception of OOF on Port 2: Register bit Address Value Read Note T3.RSRL1.OOFL 0x2B8 0x0002 DS3 Out of Frame on Port 2 PORT.ISR.FMSR 0x250 0x0001 Framer Block Interrupt Active, Port 2 GL.ISR.PISR2 0x010 0x0020 Port 2 Interrupt Active 10.2 Clocks 10.2.1 Line Clock Modes 10.2.1.1 Loop Timing Enabled When loop timing is enabled (PORT.CR3.LOOPT), the transmit clock source is the same as the receive clock source. The TCLKIn pins are not used as a clock source. Because loop timing is enabled, the loopback functions (LLB, PLB and DLB) do not cause the clock sources to switch when they are activated. The transmit and receive |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |