Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 23Page - Dallas Semiconductor DS3173N Datasheet HTML 24Page - Dallas Semiconductor DS3173N Datasheet HTML 25Page - Dallas Semiconductor DS3173N Datasheet HTML 26Page - Dallas Semiconductor DS3173N Datasheet HTML 27Page - Dallas Semiconductor DS3173N Datasheet HTML 28Page - Dallas Semiconductor DS3173N Datasheet HTML 29Page - Dallas Semiconductor DS3173N Datasheet HTML 30Page - Dallas Semiconductor DS3173N Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
27 of 230
NAME
TYPE
FUNCTION
PIN #
JTRST
Ipu
JTAG Reset (active low with pull-up)
E4
CLAD
CLKA
I
Clock A
K1
CLKB
IO
Clock B
L1
CLKC
IO
Clock C
L2
POWER
VSS
PWR
Ground, 0 Volt potential
K10, K9, K8, J10, J9, J8,
H10, H9, M7, M6, L7. L6,
K7. K6, J7, J6, A1, N10,
N9, M10, M9, M8, L10, L9,
L8, R12, R11, R10, R9,
P12, P11, P10, P9, Y1,
N12, N11, M13, M12, M11,
L13, L12, L11, M15, M14,
L15, L14, K15, K14, J15,
J14, Y20, K13, K12, K11,
J13, J12, J11, H12, H11,
G12, G11, G10, G9, F12,
F11, F10, F9, A20
VDD
PWR
Digital 3.3V
H8, H7, H6, G8, G7, G6,
F8, F7, F6, A2, R8, R7, R6,
P8, P7, P6, N8, N7, N6,
W1, R15, R14, R13, P15,
P14, P13, N15, N14, N13,
Y19, H15, H14, H13, G15,
G14, G13, F15, F14, F13,
B20
AVDDRn
PWR
Analog 3.3V for receive LIU on port n
Y4, A4, T1, D1
AVDDTn
PWR
Analog 3.3V for transmit LIU on port n
T7, E7, N1, J4
AVDDJn
PWR
Analog 3.3V for jitter attenuator on port n
V6, C6, N5, G1
AVDDC
PWR
Analog 3.3V for CLAD
K5
No Connects
NC
NC
No Connect, Unused
A9, A10, A16–A19, B9,
B10, B13, B17–B19, C5,
C9, C10, C15–C20, D6,
D13, D15–D20, E15–E20,
F16–F20, G16–G20, H4,
H5, J16–J20, K16–K20,
L16–L20, M4, M5, M16-
M20, N16–N20, P16–P20,
R16–R20, T15–T20, U6,
U13, U15–U20, V5, V9,
V10, V16–V20, W9, W10,
W13, W16–W20, Y9, Y10,
Y15–Y18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com