Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 14Page - Dallas Semiconductor DS3173N Datasheet HTML 15Page - Dallas Semiconductor DS3173N Datasheet HTML 16Page - Dallas Semiconductor DS3173N Datasheet HTML 17Page - Dallas Semiconductor DS3173N Datasheet HTML 18Page - Dallas Semiconductor DS3173N Datasheet HTML 19Page - Dallas Semiconductor DS3173N Datasheet HTML 20Page - Dallas Semiconductor DS3173N Datasheet HTML 21Page - Dallas Semiconductor DS3173N Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
18 of 230
6 MAJOR OPERATIONAL MODES
The major operational modes are determined by the FM[2:0] framer mode bits and a few other control bits. Unused
features are powered down and the data paths are held in reset. The configuration registers of the unused features
can be written to and read from. The function of some IO pins change in different operational modes. The line
interface operational mode is determined by the LM[2:0] bits.
6.1 DS3/E3 SCT Mode
This mode is for standard operation that uses the device in the single chip transceiver mode. It utilizes the
framer/formatter as well as the transmit/receive LIU.
FRAME MODE
FM[2:0]
DS3 C-bit Framed
000
DS3 M23 Framed
001
E3 G.751 Framed
010
E3 G.832 Framed
011
LIU MODE
LM[2:0]
TZSD & RZSD
TLEN
PORT.CR2
JA Off, B3ZS or HDB3
001
0
0
JA RX, B3ZS or HDB3
010
0
0
JA TX, B3ZS or HDB3
011
0
0
JA Off, AMI
001
1
0
JA RX, AMI
010
1
0
JA TX, AMI
011
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com