Electronic Components Datasheet Search
  English  ▼

X  

DS3173N Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS3173N
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173N Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS3173N Datasheet HTML 30Page - Dallas Semiconductor DS3173N Datasheet HTML 31Page - Dallas Semiconductor DS3173N Datasheet HTML 32Page - Dallas Semiconductor DS3173N Datasheet HTML 33Page - Dallas Semiconductor DS3173N Datasheet HTML 34Page - Dallas Semiconductor DS3173N Datasheet HTML 35Page - Dallas Semiconductor DS3173N Datasheet HTML 36Page - Dallas Semiconductor DS3173N Datasheet HTML 37Page - Dallas Semiconductor DS3173N Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
34 of 230
PIN NAME
TYPE
PIN DESCRIPTION
INT: This interrupt signal is driven low when an event is detected on any of the
enabled interrupt sources in any of the register banks. When there are no active and
enabled interrupt sources, the pin can be programmed to either drive high or not drive
high. The reset default is to not drive high when there is no active and enabled
interrupt source. All interrupt sources are disabled when
RST=0 and they must be
programmed to be enabled.
MODE
I
Mode select
RD/WR or DS strobe mode
MODE: 1 = Data Strobe Mode, 0 = Read/Write Strobe Mode
WIDTH
I
Data bus width select 8 or 16-bit interface
WIDTH: 1 = 16-bits, 0 = 8 bits
Misc I/O
GPIO1
IO
General-Purpose IO 1
GPIO1: This signal is configured to be a general-purpose IO pin, or an alarm output
signal for port 1.
GPIO2
IO
General-Purpose IO 2
GPIO2: This signal is configured to be a general-purpose IO pin, or the 8KREFO
output signal, or an alarm output signal for port 1.
GPIO3
IO
General-Purpose IO 3
GPIO3: This signal is configured to be a general-purpose IO pin, or an alarm output
signal for port 2.
GPIO4
IO
General-Purpose IO 4
GPIO4: This signal is configured to be a general-purpose IO pin, or the 8KREFI input
signal, or an alarm output signal for port 2. When configured for 8KREFI mode the
signal frequency should be 8,000 Hz +/- 500 ppm and about 50% duty cycle.
GPIO5
IO
General-Purpose IO 5
GPIO5: This signal is configured to be a general-purpose IO pin, or an alarm output
signal for port 3.
GPIO6
IO
General-Purpose IO 6
GPIO6: This signal is configured to be a general-purpose IO pin, or the TMEI input
signal, or an alarm output signal for port 3. When configured for TMEI input, the signal
low time and high time must be greater than 500 ns.
GPIO7
IO
General-Purpose IO 7
GPIO7: This signal is configured to be a general-purpose IO pin, or an alarm output
signal for port 4.
GPIO8
IO
General-Purpose IO 8
GPIO8: This signal is configured to be a general-purpose IO pin, or the PMU input
signal, or an alarm output signal for port 4. When configured for PMU input, the signal
low time and high time must be greater than 500 ns.
TEST
I
Test enable (active low)
TEST: This signal enables the internal scan test mode when low. For normal operation
tie high. This is an asynchronous input.
HIZ
I
High impedance test enable (active low)
HIZ: This signal puts all digital output and bi-directional pins in the high impedance
state when it low and
JTRST is low. For normal operation tie high. This is an
asynchronous input.
RST
I
Reset (active low)
RST: This signal resets all the internal processor registers and logic when low. This
pin should be low while power is applied and set high after the power is stable. This is
an asynchronous input.
JTAG
JTCLK
I
JTAG Clock
JTCLK: This clock input is typically a low frequency (less than 10 MHz) 50% duty
cycle clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com