Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 116 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 116 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 112Page - Microchip Technology CEC1712 Datasheet HTML 113Page - Microchip Technology CEC1712 Datasheet HTML 114Page - Microchip Technology CEC1712 Datasheet HTML 115Page - Microchip Technology CEC1712 Datasheet HTML 116Page - Microchip Technology CEC1712 Datasheet HTML 117Page - Microchip Technology CEC1712 Datasheet HTML 118Page - Microchip Technology CEC1712 Datasheet HTML 119Page - Microchip Technology CEC1712 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 338 page
background image
CEC1712
DS00003416C-page 116
 2020-2021 Microchip Technology Inc.
8.9.6
BLOCK ENABLE CLEAR REGISTER
8.9.7
BLOCK IRQ VECTOR REGISTER
26:8
IRQ_VECTOR_ENABLE_SET
Each bit in this field enables the group GIRQ interrupt assertion to
the NVIC.
1=Interrupts in the GIRQx Source Register may be enabled
0=No effect
R/WS
0h
RESET
_SYS
7:0
Reserved
RES
-
-
Offset
204h
Bits
Description
Type
Default
Reset
Event
31:27
Reserved
RES
-
-
26:8
IRQ_VECTOR_ENABLE_CLEAR
Each bit in this field disables the group GIRQ interrupt assertion to
the NVIC.
1=Interrupts in the GIRQx Source Register are disabled
0=No effect
R/WC
0h
RESET
_SYS
7:0
Reserved
RES
-
-
Offset
208h
Bits
Description
Type
Default
Reset
Event
31:27
Reserved
RES
0h
-
26:8
IRQ_VECTOR
Each bit in this field reports the status of the group GIRQ interrupt
assertion to the NVIC. If the GIRQx interrupt is disabled as a group,
by the Block Enable Clear Register, then the corresponding bit will
be ‘0’b and no interrupt will be asserted.
R0h
RESET
_SYS
7:0
Reserved
RES
0h
-
Offset
200h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com