Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 112 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 112 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 108Page - Microchip Technology CEC1712 Datasheet HTML 109Page - Microchip Technology CEC1712 Datasheet HTML 110Page - Microchip Technology CEC1712 Datasheet HTML 111Page - Microchip Technology CEC1712 Datasheet HTML 112Page - Microchip Technology CEC1712 Datasheet HTML 113Page - Microchip Technology CEC1712 Datasheet HTML 114Page - Microchip Technology CEC1712 Datasheet HTML 115Page - Microchip Technology CEC1712 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 338 page
background image
CEC1712
DS00003416C-page 112
 2020-2021 Microchip Technology Inc.
28h
GIRQ10 Source Register
2Ch
GIRQ10 Enable Set Register
30h
GIRQ10 Result Register
34h
GIRQ10 Enable Clear Register
38h
Reserved
3Ch
GIRQ11 Source Register
40h
GIRQ11 Enable Set Register
44h
GIRQ11 Result Register
48h
GIRQ11 Enable Clear Register
4Ch
Reserved
50h
GIRQ12 Source Register
54h
GIRQ12 Enable Set Register
58h
GIRQ12 Result Register
5Ch
GIRQ12 Enable Clear Register
60h
Reserved
64h
GIRQ13 Source Register
68h
GIRQ13 Enable Set Register
6Ch
GIRQ13 Result Register
70h
GIRQ13 Enable Clear Register
74h
Reserved
78h
GIRQ14 Source Register
7Ch
GIRQ14 Enable Set Register
80h
GIRQ14 Result Register
84h
GIRQ14 Enable Clear Register
88h
Reserved
8Ch
GIRQ15 Source Register
90h
GIRQ15 Enable Set Register
94h
GIRQ15 Result Register
98h
GIRQ15 Enable Clear Register
9Ch
Reserved
A0h
GIRQ16 Source Register
A4h
GIRQ16 Enable Set Register
A8h
GIRQ16 Result Register
ACh
GIRQ16 Enable Clear Register
B0h
Reserved
B4h
GIRQ17 Source Register
B8h
GIRQ17 Enable Set Register
BCh
GIRQ17 Result Register
C0h
GIRQ17 Enable Clear Register
C4h
Reserved
C8h
GIRQ18 Source Register
CCh
GIRQ18 Enable Set Register
D0h
GIRQ18 Result Register
D4h
GIRQ18 Enable Clear Register
TABLE 8-4:
REGISTER SUMMARY (CONTINUED)
Offset
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com