Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 108 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 108 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 104Page - Microchip Technology CEC1712 Datasheet HTML 105Page - Microchip Technology CEC1712 Datasheet HTML 106Page - Microchip Technology CEC1712 Datasheet HTML 107Page - Microchip Technology CEC1712 Datasheet HTML 108Page - Microchip Technology CEC1712 Datasheet HTML 109Page - Microchip Technology CEC1712 Datasheet HTML 110Page - Microchip Technology CEC1712 Datasheet HTML 111Page - Microchip Technology CEC1712 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 338 page
background image
CEC1712
DS00003416C-page 108
 2020-2021 Microchip Technology Inc.
8.0
EC INTERRUPT AGGREGATOR
8.1
Introduction
The EC Interrupt Aggregator works in conjunction with the processor’s interrupt interface to handle hardware interrupts
and exceptions.
Exceptions are synchronous to instructions, are not maskable, and have higher priority than interrupts. All three excep-
tions - reset, memory error, and instruction error - are hardwired directly to the processor. Interrupts are typically asyn-
chronous and are maskable.
Interrupts classified as wake events can be recognized without a running clock, e.g., while the CEC1712 is in sleep
state.
This chapter focuses on the EC Interrupt Aggregator. Please refer to embedded controller’s documentation for more
information on interrupt and exception handling.
8.2
Interface
This block is designed to be accessed internally via a registered host interface. The following diagram illustrates the
various interfaces to the block.
8.3
Signal Description
8.3.1
SIGNAL INTERFACE
There are no external signals for this block.
FIGURE 8-1:
EC INTERRUPT AGGREGATOR INTERFACE DIAGRAM
EC Interrupt Aggregator
Signal Interface
Power, Clocks and Reset
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com