Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 111 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 111 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 107Page - Microchip Technology CEC1712 Datasheet HTML 108Page - Microchip Technology CEC1712 Datasheet HTML 109Page - Microchip Technology CEC1712 Datasheet HTML 110Page - Microchip Technology CEC1712 Datasheet HTML 111Page - Microchip Technology CEC1712 Datasheet HTML 112Page - Microchip Technology CEC1712 Datasheet HTML 113Page - Microchip Technology CEC1712 Datasheet HTML 114Page - Microchip Technology CEC1712 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 111
CEC1712
8.8.2
WAKE GENERATION
Wake-capable interrupts are listed in Table 3-3, "GIRQ_mapping" with a designation of ‘Yes’ in the Wake Event column.
All interrupts, except GIRQ22, generate an EC Interrupt event. They are routed to source bits that are synchronized to
the 32 MHz Ring Oscillator. If enabled, the Interrupt Result is fed into the Priority Encoder/Decision Logic, which gen-
erates the interrupt vector to the NVIC Interrupt Interface.
Some Interrupts, which are labeled Wake-Capable, are also routed as Wake Events to the Chip’s Wake Logic. These
are asynchronous events that are used to resume the 32 MHz Ring Oscillator operation from a sleep state and wake
the processor.
8.8.2.1
Wake Capable Interrupts
All GPIO inputs are wake-capable. In order for a GPIO input to wake the CEC1712 from a sleep state, the Interrupt
Detection field of the GPIO Pin Control Register must be set to Rising Edge Triggered, Falling Edge Triggered, or Either
Edge Triggered. If the Interrupt Detection field is set to any other value, a GPIO input will not trigger a wake interrupt.
Some of the Wake Capable Interrupts are triggered by activity on pins that are shared with a GPIO. These interrupts will
only trigger a wake if the Interrupt Detection field of the corresponding GPIO Pin Control Register is set to Rising Edge
Triggered, Falling Edge Triggered, or Either Edge Triggered.
8.8.2.2
Wake-Only Events
Some devices which respond to an external master require the 48MHz clock domain to operate but do not necessarily
require and immediate processing by the EC. Wake-only events provide the means to start the 48MHz clock domain
without triggering an EC interrupt service routine. This events are grouped into a single GIRQ, GIRQ22. Events that are
enabled in that GIRQ will start the clock domain when the event occurs, but will not invoke an EC interrupt. The
SLEEP_ENABLE flags all remain asserted. If the activity for the event does not in turn trigger another EC interrupt, the
CLOCK_REQUIRED for the block will re-assert and the configured sleep state will be re-entered.
8.8.3
INTERRUPT SUMMARY
Interrupt bit assignments, including wake capabilities and NVIC vector locations, are shown in the Interrupt Aggregator
Bit Assignments Table in Section 3.0, "Device Inventory". The table lists all possible interrupt sources; the register bits
for any interrupt source, such as a GPIO, that is not implemented in a particular part are reserved.
8.8.4
DISABLING INTERRUPTS
The Block Enable Clear Register and Block Enable Set Register should not be used for disabling and enabling interrupts
for software operations i.e., critical sections. The ARM enable disable mechanisms should be used.
8.9
EC Registers
Registers for this block are shown in the following summary table. Addresses for each register are determined by adding
the offset to the Base Address for of the EC Interrupt Aggregator Block in the Block Overview and Base Address Table
in Section 3.0, "Device Inventory".
TABLE 8-4:
REGISTER SUMMARY
Offset
Register Name
00h
GIRQ8 Source Register
04h
GIRQ8 Enable Set Register
08h
GIRQ8 Result Register
0Ch
GIRQ8 Enable Clear Register
10h
Reserved
14h
GIRQ9 Source Register
18h
GIRQ9 Enable Set Register
1Ch
GIRQ9 Result Register
20h
GIRQ9 Enable Clear Register
24h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com