Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 113 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 113 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 109Page - Microchip Technology CEC1712 Datasheet HTML 110Page - Microchip Technology CEC1712 Datasheet HTML 111Page - Microchip Technology CEC1712 Datasheet HTML 112Page - Microchip Technology CEC1712 Datasheet HTML 113Page - Microchip Technology CEC1712 Datasheet HTML 114Page - Microchip Technology CEC1712 Datasheet HTML 115Page - Microchip Technology CEC1712 Datasheet HTML 116Page - Microchip Technology CEC1712 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 113
CEC1712
All of the GIRQx Source, Enable Set, Enable Clear and Result registers have the same format. The following tables
define the generic format for each of these registers. The bit definitions are defined in the sections that follow.
D8h
Reserved
DCh
GIRQ19 Source Register
E0h
GIRQ19 Enable Set Register
E4h
GIRQ19 Result Register
E8h
GIRQ19 Enable Clear Register
ECh
Reserved
F0h
GIRQ20 Source Register
F4h
GIRQ20 Enable Set Register
F8h
GIRQ20 Result Register
FCh
GIRQ20 Enable Clear Register
100h
Reserved
104h
GIRQ21 Source Register
108h
GIRQ21 Enable Set Register
10Ch
GIRQ21 Result Register
110h
GIRQ21 Enable Clear Register
114h
Reserved
118h
GIRQ22 Source Register
11Ch
GIRQ22 Enable Set Register
120h
GIRQ22 Result Register
124h
GIRQ22 Enable Clear Register
128h
Reserved
12Ch
GIRQ23 Source Register
130h
GIRQ23 Enable Set Register
134h
GIRQ23 Result Register
138h
GIRQ23 Enable Clear Register
13Ch
Reserved
140h
GIRQ24 Source Register
144h
GIRQ24 Enable Set Register
148h
GIRQ24 Result Register
14Ch
GIRQ24 Enable Clear Register
150h
Reserved
154h
GIRQ25 Source Register
158h
GIRQ25 Enable Set Register
15Ch
GIRQ25 Result Register
160h
GIRQ25 Enable Clear Register
164h
Reserved
168h
GIRQ26 Source Register
16Ch
GIRQ26 Enable Set Register
170h
GIRQ26 Result Register
174h
GIRQ26 Enable Clear Register
200h
Block Enable Set Register
204h
Block Enable Clear Register
208h
Block IRQ Vector Register
TABLE 8-4:
REGISTER SUMMARY (CONTINUED)
Offset
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com