Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 121 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 121 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 117Page - Microchip Technology CEC1712 Datasheet HTML 118Page - Microchip Technology CEC1712 Datasheet HTML 119Page - Microchip Technology CEC1712 Datasheet HTML 120Page - Microchip Technology CEC1712 Datasheet HTML 121Page - Microchip Technology CEC1712 Datasheet HTML 122Page - Microchip Technology CEC1712 Datasheet HTML 123Page - Microchip Technology CEC1712 Datasheet HTML 124Page - Microchip Technology CEC1712 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 121
CEC1712
10.9
Description
The UART is compatible with the 16450, the 16450 ACE registers and the 16C550A. The UART performs serial-to-par-
allel conversions on received characters and parallel-to-serial conversions on transmit characters. Two sets of baud
rates are provided. When the 1.8432 MHz source clock is selected, standard baud rates from 50 to 115.2K are available.
When the source clock is 48MHz, baud rates up to 1,500K are available. The character options are programmable for
1 start; 1, 1.5 or 2 stop bits; even, odd, sticky or no parity; and prioritized interrupts. The UART contains a programmable
baud rate generator that is capable of dividing the input clock signal by 1 to 32767. The UART is also capable of sup-
porting the MIDI data rate. Refer to the Configuration Registers for information on disabling, powering down and chang-
ing the base address of the UART. The UART interrupt is enabled by programming OUT2 of the UART to logic “1.”
Because OUT2 is logic “0,” it disables the UART's interrupt. The UART is accessible by both the Host and the EC.
10.9.1
PROGRAMMABLE BAUD RATE
The Serial Port contains a programmable Baud Rate Generator that is capable of dividing the internal clock source by
any divisor from 1 to 32767. Unless an external clock source is configured, the clock source is either the 1.8432MHz
clock source or the 48MHz clock source. The output frequency of the Baud Rate Generator is 16x the Baud rate. Two
eight bit latches store the divisor in 16 bit binary format. These Divisor Latches must be loaded during initialization in
order to ensure desired operation of the Baud Rate Generator. Upon loading either of the Divisor Latches, a 16 bit Baud
counter is immediately loaded. This prevents long counts on initial load. If a 0 is loaded into the BRG registers, the output
divides the clock by the number 3. If a 1 is loaded, the output is the inverse of the input oscillator. If a two is loaded, the
output is a divide by 2 signal with a 50% duty cycle. If a 3 or greater is loaded, the output is low for 2 bits and high for
the remainder of the count.
The following tables show possible baud rates.
TABLE 10-8:
UART BAUD RATES USING CLOCK SOURCE 1.8432MHz
Desired Baud Rate
BAUD_CLOCK_SEL
Divisor Used to Generate
16X Clock
50
0
2304
75
0
1536
110
0
1047
134.5
0
857
150
0
768
300
0
384
600
0
192
1200
0
96
1800
0
64
2000
0
58
2400
0
48
3600
0
32
4800
0
24
7200
0
16
9600
0
12
19200
0
6
38400
0
3
57600
0
2
115200
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com