Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 122 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 122 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 118Page - Microchip Technology CEC1712 Datasheet HTML 119Page - Microchip Technology CEC1712 Datasheet HTML 120Page - Microchip Technology CEC1712 Datasheet HTML 121Page - Microchip Technology CEC1712 Datasheet HTML 122Page - Microchip Technology CEC1712 Datasheet HTML 123Page - Microchip Technology CEC1712 Datasheet HTML 124Page - Microchip Technology CEC1712 Datasheet HTML 125Page - Microchip Technology CEC1712 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 338 page
background image
CEC1712
DS00003416C-page 122
 2020-2021 Microchip Technology Inc.
10.10 Runtime Registers
The registers listed in the Runtime Register Summary table are for a single instance of the UART. Host access for each
register listed in this table is defined as an offset in the Host address space to the Block’s Base Address, as defined by
the instance’s Base Address Register.
The EC address for each register is formed by adding the Base Address for each instance of the UART shown in the
Block Overview and Base Address Table in Section 3.0, "Device Inventory" to the offset shown in the “Offset” column.
TABLE 10-9:
UART BAUD RATES USING CLOCK SOURCE 48MHz
Desired Baud Rate
BAUD_CLOCK_SEL
Divisor Used to Generate
16X Clock
125000
1
24
136400
1
22
150000
1
20
166700
1
18
187500
1
16
214300
1
14
250000
1
12
300000
1
10
375000
1
8
500000
1
6
750000
1
4
1500000
1
2
3000000
1
1
TABLE 10-10: RUNTIME REGISTER SUMMARY
DLAB
Note 1
Offset
Register Name
00h
Receive Buffer Register
00h
Transmit Buffer Register
10h
Programmable Baud Rate Generator LSB Register
11h
Programmable Baud Rate Generator MSB Register
01h
Interrupt Enable Register
x02h
FIFO Control Register
x02h
Interrupt Identification Register
x03h
Line Control Register
x04h
Modem Control Register
x05h
Line Status Register
x06h
Modem Status Register
x07h
Scratchpad Register
Note 1: DLAB is bit 7 of the Line Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com