Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 126 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 126 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 122Page - Microchip Technology CEC1712 Datasheet HTML 123Page - Microchip Technology CEC1712 Datasheet HTML 124Page - Microchip Technology CEC1712 Datasheet HTML 125Page - Microchip Technology CEC1712 Datasheet HTML 126Page - Microchip Technology CEC1712 Datasheet HTML 127Page - Microchip Technology CEC1712 Datasheet HTML 128Page - Microchip Technology CEC1712 Datasheet HTML 129Page - Microchip Technology CEC1712 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 338 page
background image
CEC1712
DS00003416C-page 126
 2020-2021 Microchip Technology Inc.
3.
Transmitter Holding Register Empty
4.
MODEM Status (lowest priority)
Information indicating that a prioritized interrupt is pending and the source of that interrupt is stored in the Interrupt Iden-
tification Register (refer to Table 10-12). When the CPU accesses the IIR, the Serial Port freezes all interrupts and indi-
cates the highest priority pending interrupt to the CPU. During this CPU access, even if the Serial Port records new
interrupts, the current indication does not change until access is completed. The contents of the IIR are described below.
Offset
02h
Bits
Description
Type
Default
Reset
Event
7:6
FIFO_EN
These two bits are set when the FIFO CONTROL Register bit 0
equals 1.
R0h
RESET
5:4
Reserved
RES
-
-
3:1
INTID
These bits identify the highest priority interrupt pending as indi-
cated by Table 10-12, "Interrupt Control Table". In non-FIFO mode,
Bit[3] is a logic “0”. In FIFO mode Bit[3] is set along with Bit[2] when
a timeout interrupt is pending.
R0h
RESET
0
IPEND
This bit can be used in either a hardwired prioritized or polled envi-
ronment to indicate whether an interrupt is pending. When bit 0 is a
logic ‘0’ an interrupt is pending and the contents of the IIR may be
used as a pointer to the appropriate internal service routine. When
bit 0 is a logic ‘1’ no interrupt is pending.
R1h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com