Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 127 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 127 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 123Page - Microchip Technology CEC1712 Datasheet HTML 124Page - Microchip Technology CEC1712 Datasheet HTML 125Page - Microchip Technology CEC1712 Datasheet HTML 126Page - Microchip Technology CEC1712 Datasheet HTML 127Page - Microchip Technology CEC1712 Datasheet HTML 128Page - Microchip Technology CEC1712 Datasheet HTML 129Page - Microchip Technology CEC1712 Datasheet HTML 130Page - Microchip Technology CEC1712 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 127
CEC1712
TABLE 10-12: INTERRUPT CONTROL TABLE
FIFO
Mode
Only
Interrupt Identification
Register
Interrupt SET and RESET Functions
Bit 3
Bit 2
Bit 1
Bit 0
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset
Control
0
0
0
1
-
None
None
-
1
1
0
Highest
Receiver Line Sta-
tus
Overrun Error, Par-
ity Error, Framing
Error or Break
Interrupt
Reading the Line
Status Register
0
Second
Received Data
Available
Receiver Data
Available
Read Receiver Buf-
fer or the FIFO
drops below the
trigger level.
1
Character Timeout
Indication
No Characters
Have Been
Removed From or
Input to the RCVR
FIFO during the
last 4 Char times
and there is at least
1 char in it during
this time
Reading the
Receiver Buffer
Register
0
0
1
Third
Transmitter Hold-
ing Register Empty
Transmitter Hold-
ing Register Empty
Reading the IIR
Register (if Source
of Interrupt) or Writ-
ing the Transmitter
Holding Register
0
0
Fourth
MODEM Status
Clear to Send or
Data Set Ready or
Ring Indicator or
Data Carrier Detect
Reading the
MODEM Status
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com